Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 69Page - Texas Instruments TMS320VC5505 Datasheet HTML 70Page - Texas Instruments TMS320VC5505 Datasheet HTML 71Page - Texas Instruments TMS320VC5505 Datasheet HTML 72Page - Texas Instruments TMS320VC5505 Datasheet HTML 73Page - Texas Instruments TMS320VC5505 Datasheet HTML 74Page - Texas Instruments TMS320VC5505 Datasheet HTML 75Page - Texas Instruments TMS320VC5505 Datasheet HTML 76Page - Texas Instruments TMS320VC5505 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 135 page
background image
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
•
NAND Flash memories
•
NOR Flash memories
The EMIF data bus can be configured for both 8- or 16-bit width. The device supports up to 21 address
lines and four external wait/interrupt inputs. Up to four asynchronous chip selects are supported by EMIF
(EM_CS[5:2]).
Each chip select has the following individually programmable attributes:
•
Data bus width
•
Read cycle timings: setup, hold, strobe
•
Write cycle timings: setup, hold, strobe
•
Bus turn around time
•
Extended Wait Option With Programmable Timeout
•
Select Strobe Option
•
NAND flash controller supports 1-bit and 4-bit ECC calculation on blocks of 512 bytes
6.9.2
EMIF Peripheral Register Description(s)
Table 6-11 shows the EMIF registers.
Table 6-11. External Memory Interface (EMIF) Peripheral Registers(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
1000h
REV
Revision Register
1001h
STATUS
Status Register
1004h
AWCCR1
Asynchronous Wait Cycle Configuration Register 1
1005h
AWCCR2
Asynchronous Wait Cycle Configuration Register 2
1010h
ACS2CR1
Asynchronous CS2 Configuration Register 1
1011h
ACS2CR2
Asynchronous CS2 Configuration Register 2
1014h
ACS3CR1
Asynchronous CS3 Configuration Register 1
1015h
ACS3CR2
Asynchronous CS3 Configuration Register 2
1018h
ACS4CR1
Asynchronous CS4 Configuration Register 1
1019h
ACS4CR2
Asynchronous CS4 Configuration Register 2
101Ch
ACS5CR1
Asynchronous CS5 Configuration Register 1
101Dh
ACS5CR2
Asynchronous CS5 Configuration Register 2
1040h
EIRR
EMIF Interrupt Raw Register
1044h
EIMR
EMIF Interrupt Mask Register
1048h
EIMSR
EMIF Interrupt Mask Set Register
104Ch
EIMCR
EMIF Interrupt Mask Clear Register
1060h
NANDFCR
NAND Flash Control Register
1064h
NANDFSR1
NAND Flash Status Register 1
1065h
NANDFSR2
NAND Flash Status Register 2
1068h
PGMODECTRL1
Page Mode Control Register 1
1069h
PGMODECTRL2
Page Mode Control Register 2
1070h
NCS2ECC1
NAND Flash CS2 1-Bit ECC Register 1
1071h
NCS2ECC2
NAND Flash CS2 1-Bit ECC Register 2
1074h
NCS3ECC1
NAND Flash CS3 1-Bit ECC Register 1
1075h
NCS3ECC2
NAND Flash CS3 1-Bit ECC Register 2
1078h
NCS4ECC1
NAND Flash CS4 1-Bit ECC Register 1
(1)
Before reading or writing to the EMIF registers, be sure to set the BYTEMODE bits to 00b in the EMIF system control register to enable
word accesses to the EMIF registers.
Copyright © 2009–2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com