Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 39Page - Texas Instruments TMS320VC5505 Datasheet HTML 40Page - Texas Instruments TMS320VC5505 Datasheet HTML 41Page - Texas Instruments TMS320VC5505 Datasheet HTML 42Page - Texas Instruments TMS320VC5505 Datasheet HTML 43Page - Texas Instruments TMS320VC5505 Datasheet HTML 44Page - Texas Instruments TMS320VC5505 Datasheet HTML 45Page - Texas Instruments TMS320VC5505 Datasheet HTML 46Page - Texas Instruments TMS320VC5505 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 135 page
background image
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
Note:
•
When CLK_SEL =1, the CLKIN frequency is expected to be 11.2896 MHz, 12.0 MHz, or 12.288 MHz.
•
The on-chip Bootloader allows for DSP registers to be configured during the boot process. However,
this feature must not be used to change the output frequency of the system clock generator during the
boot process. Timer0 is also used by the bootloader to allow for 200 ms of BG_CAP settling time. The
bootloader register modification feature must not modify the Timer0 registers.
At hardware reset, all of the peripheral clocks are "off" to conserve power. After hardware reset, the DSP
boots via the bootloader code in ROM. During the boot process, the bootloader queries each peripheral to
determine if it can boot from that peripheral. At that time, the individual peripheral clocks will be enabled
for the query and then disabled again when the bootloader is finished with the peripheral. By the time the
bootloader releases control to the user code, all peripheral clocks will be "off" and all domains in the ICR,
except the CPU domain, will be idled.
4.4.3
DSP Resources Used By the Bootloader
The Bootloader uses SARAM block 31 for the storing of temporary data. This block of memory is reserved
during the boot process. However, after the boot process is complete, it can be used by the user
application.
Copyright © 2009–2010, Texas Instruments Incorporated
Device Configuration
43
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com