| Electronic Components Datasheet Search |
|
TMS320VC5505 Datasheet(PDF) 83 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5505 Datasheet(HTML) 83 Page - Texas Instruments |
|
83 / 135 page ![]() TMS320VC5505 www.ti.com SPRS503B – JUNE 2009 – REVISED JANUARY 2010 6.10 Multimedia Card/Secure Digital (MMC/SD) The VC5505 includes two MMC/SD controllers which are compliant with MMC V3.31, Secure Digital Part 1 Physical Layer Specification V2.0, and Secure Digital Input Output (SDIO) V3.3 specifications. The MMC/SD card controller supports these industry standards and assumes the reader is familiar with these standards. Each VC5505 MMC/SD Controller has the following features: • Multimedia Card/Secure Digital (MMC/SD) protocol support • Programmable clock frequency • 512 bit Read/Write FIFO to lower system overhead • Slave DMA transfer capability The MMC/SD card controller transfers data between the CPU and DMA controller on one side and MMC/SD card on the other side. The CPU and DMA controller can read/write the data in the card by accessing the registers in the MMC/SD controller. The MMC/SD controller on this device, does not support the SPI mode of operation. 6.10.1 MMC/SD Peripheral Register Description(s) Table 6-16 and Table 6-17 shows the MMC/SD registers. The MMC/SD0 registers start at address 0x3A00 and the MMC/SD1 registers start at address 0x3B00. Copyright © 2009–2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 83 Submit Documentation Feedback Product Folder Link(s): TMS320VC5505 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |