Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 57Page - Texas Instruments TMS320VC5505 Datasheet HTML 58Page - Texas Instruments TMS320VC5505 Datasheet HTML 59Page - Texas Instruments TMS320VC5505 Datasheet HTML 60Page - Texas Instruments TMS320VC5505 Datasheet HTML 61Page - Texas Instruments TMS320VC5505 Datasheet HTML 62Page - Texas Instruments TMS320VC5505 Datasheet HTML 63Page - Texas Instruments TMS320VC5505 Datasheet HTML 64Page - Texas Instruments TMS320VC5505 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 135 page
background image
RTC_XI
RTC_XO
C1
C2
Crystal
32.768kHz
VSSRTC
CVDDRTC
0.998-1.43V
1.05/1.3V
CVDD
VSS
CLKIN
RTC_XI
RTC_XO
CVDDRTC
0.998-1.43V
1.05/1.3V
CVDD
VSS
CLKIN
VSSRTC
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
In this configuration the RTC oscillator can be optionally disabled by connecting RTC_XI to CVDDRTC and
RTC_XO to ground (VSS). However, when the RTC oscillator is disabled the RTC registers starting at I/O
address 1900h will not be accessible. This includes the RTC Power Management Register which provides
control to the on-chip LDOs and WAKEUP and RTC_CLKOUT pins. Note: the RTC must still be powered
even if the RTC oscillator is disabled.
For more details on the RTC on-chip oscillator, see Section 6.4.1, Real-Time Clock (RTC) On-Chip
Oscillator With External Crystal.
Figure 6-4. LVCMOS-Compatible Clock Input With RTC Oscillator Enabled
Figure 6-5. LVCMOS-Compatible Clock Input With RTC Oscillator Disabled
6.4.3
USB On-Chip Oscillator With External Crystal (Optional)
When using the USB, the USB on-chip oscillator requires an external 12-MHz crystal connected across
the USB_MXI and USB_MXO pins, along with two load capacitors, as shown in Figure 6-6. The external
crystal load capacitors must be connected only to the USB oscillator ground pin (USB_VSSOSC). Do not
connect to board ground (VSS). The USB_VDDOSC pin can be connected to the same power supply as
USB_VDDA3P3.
The USB on-chip oscillator can be permanently disabled, via tie-offs, if the USB peripheral is not being
used. To permanently disable the USB oscillator, connect the USB_MXI pin to ground (VSS) and leave the
USB_MXO pin unconnected. The USB oscillator power pins (USB_VDDOSC and USB_VSSOSC) should also
be connected to ground.
Copyright © 2009–2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
61
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com