Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 36Page - Texas Instruments TMS320VC5505 Datasheet HTML 37Page - Texas Instruments TMS320VC5505 Datasheet HTML 38Page - Texas Instruments TMS320VC5505 Datasheet HTML 39Page - Texas Instruments TMS320VC5505 Datasheet HTML 40Page - Texas Instruments TMS320VC5505 Datasheet HTML 41Page - Texas Instruments TMS320VC5505 Datasheet HTML 42Page - Texas Instruments TMS320VC5505 Datasheet HTML 43Page - Texas Instruments TMS320VC5505 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 135 page
background image
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
4.3.1
Clock Configurations After Device Reset
After reset, the on-chip Bootloader programs the system clock generator based on the input clock selected
via the CLK_SEL pin. If CLK_SEL = 0, the Bootloader programs the system clock generator and sets the
system clock to 12.288 MHz (multiply the 32.768-kHz RTC oscillator clock by 375). If CLK_SEL = 1, the
Bootloader bypasses the system clock generator altogether and the system clock is driven by the CLKIN
pin. In this case, the CLKIN frequency is expected to be 11.2896 MHz, 12.0 MHz, or 12.288 MHz. While
the bootloader tries to boot from the USB (currently not supported), the clock generator will be
programmed to output approximately 36 MHz.
4.3.1.1
Device Clock Frequency
After the boot process is complete, the user is allowed to re-program the system clock generator to bring
the device up to the desired clock frequency and the desired peripheral clock state (clock gating or not).
The user must adhere to various clock requirements when programming the system clock generator. For
more information, see Section 6.5, Clock PLLs.
Note: The on-chip Bootloader allows for DSP registers to be configured during the boot process.
However, this feature must not be used to change the output frequency of the system clock generator
during the boot process. Timer0 is also used by the bootloader to allow for 200 ms of BG_CAP settling
time. The bootloader register modification feature must not modify the Timer0 registers.
4.3.1.2
Peripheral Clock State
The clock and reset state of each of peripheral is controlled through a set of system registers. The
peripheral clock gating control registers (PCGCR1 and PCGCR2) are used to enable and disable
peripheral clocks. The peripheral software reset counter register (PSRCR) and the peripheral reset control
register (PRCR) are used to assert and deassert peripheral reset signals.
At hardware reset, all of the peripheral clocks are off to conserve power. After hardware reset, the DSP
boots via the bootloader code in ROM. During the boot process, the bootloader queries each peripheral to
determine if it can boot from that peripheral. At that time, the individual peripheral clocks will be enabled
for the query and then disabled again when the bootloader is finished with the peripheral. By the time the
bootloader releases control to the user code, all peripheral clocks will be off and all domains in the ICR,
except the CPU domain, will be idled.
4.3.1.3
USB Oscillator Control
The USB oscillator is controlled through the USB system control register (USBSCR). To enable the
oscillator, the USBOSCDIS and USBOSCBIASDIS bits must be cleared to 0. The user must wait until the
USB oscillator stabilizes before proceeding with the USB configuration. The USB oscillator stabilization
time is 100 ms, typically with a 10 ms maximum (Note: the startup time is highly dependent on the ESR
and capacitive load on the crystal).
40
Device Configuration
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com