Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 43Page - Texas Instruments TMS320VC5505 Datasheet HTML 44Page - Texas Instruments TMS320VC5505 Datasheet HTML 45Page - Texas Instruments TMS320VC5505 Datasheet HTML 46Page - Texas Instruments TMS320VC5505 Datasheet HTML 47Page - Texas Instruments TMS320VC5505 Datasheet HTML 48Page - Texas Instruments TMS320VC5505 Datasheet HTML 49Page - Texas Instruments TMS320VC5505 Datasheet HTML 50Page - Texas Instruments TMS320VC5505 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 135 page
background image
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
4.6.4
Pull-up/Pull-down Inhibit Registers (PDINHIBR1/2/3) [1C17h, 1C18h, and 1C19h,
respectively]
Each internal pullup and pulldown (IPU/IPD) resistor on the VC5505 DSP, except for the IPD on TRST,
can be individually controlled through the IPU/IPD registers (PDINHIBR1 [1C17h] , PDINHIBR2 [1C18h],
and PDINHIBR3 [1C19h]). To minimize power consumption, internal pullup or pulldown resistors should
be disabled in the presence of an external pullup or pulldown resistor or external driver. Section 4.8.1,
Pullup/Pulldown Resistors, describes other situations in which an pullup and pulldown resistors are
required.
4.6.5
Output Slew Rate Control Register (OSRCR) [1C16h]
To provide the lowest power consumption setting, the DSP has configurable slew rate control on the EMIF
and CLKOUT output pins. The output slew rate control register (OSRCR) is used to set a subset of the
device I/O pins to either fast or slow slew rate. The slew rate feature is implemented by staging/delaying
turn-on times of the parallel p-channel drive transistors and parallel n-channel drive transistors of the
output buffer. In the slow slew rate configuration, the delay is longer, but ultimately the same number of
parallel transistors are used to drive the output high or low. Thus, the drive strength is ultimately the same
strength. The slower slew rate control can be used for power savings and has the greatest effect at lower
VDD_IO voltages.
Copyright © 2009–2010, Texas Instruments Incorporated
Device Configuration
47
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com