Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 70Page - Texas Instruments TMS320VC5505 Datasheet HTML 71Page - Texas Instruments TMS320VC5505 Datasheet HTML 72Page - Texas Instruments TMS320VC5505 Datasheet HTML 73Page - Texas Instruments TMS320VC5505 Datasheet HTML 74Page - Texas Instruments TMS320VC5505 Datasheet HTML 75Page - Texas Instruments TMS320VC5505 Datasheet HTML 76Page - Texas Instruments TMS320VC5505 Datasheet HTML 77Page - Texas Instruments TMS320VC5505 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 135 page
background image
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
Table 6-11. External Memory Interface (EMIF) Peripheral Registers (1) (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
1079h
NCS4ECC2
NAND Flash CS4 1-Bit ECC Register 2
107Ch
NCS5ECC1
NAND Flash CS5 1-Bit ECC Register 1
107Dh
NCS5ECC2
NAND Flash CS5 1-Bit ECC Register 2
10BCh
NAND4BITECCLOAD
NAND Flash 4-Bit ECC Load Register
10C0h
NAND4BITECC1
NAND Flash 4-Bit ECC Register 1
10C1h
NAND4BITECC2
NAND Flash 4-Bit ECC Register 2
10C4h
NAND4BITECC3
NAND Flash 4-Bit ECC Register 3
10C5h
NAND4BITECC4
NAND Flash 4-Bit ECC Register 4
10C8h
NAND4BITECC5
NAND Flash 4-Bit ECC Register 5
10C9h
NAND4BITECC6
NAND Flash 4-Bit ECC Register 6
10CCh
NAND4BITECC7
NAND Flash 4-Bit ECC Register 7
10CDh
NAND4BITECC8
NAND Flash 4-Bit ECC Register 8
10D0h
NANDERRADD1
NAND Flash 4-Bit ECC Error Address Register 1
10D1h
NANDERRADD2
NAND Flash 4-Bit ECC Error Address Register 2
10D4h
NANDERRADD3
NAND Flash 4-Bit ECC Error Address Register 3
10D5h
NANDERRADD4
NAND Flash 4-Bit ECC Error Address Register 4
10D8h
NANDERRVAL1
NAND Flash 4-Bit ECC Error Value Register 1
10D9h
NANDERRVAL2
NAND Flash 4-Bit ECC Error Value Register 2
10DCh
NANDERRVAL3
NAND Flash 4-Bit ECC Error Value Register 3
10DDh
NANDERRVAL4
NAND Flash 4-Bit ECC Error Value Register 4
74
Peripheral Information and Electrical Specifications
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com