| Electronic Components Datasheet Search |
|
TMS320VC5505 Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5505 Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 135 page ![]() TMS320VC5505 SPRS503B – JUNE 2009 – REVISED JANUARY 2010 www.ti.com Table 3-15. MMC1/SD Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. MMC/SD This pin is multiplexed between MMC1, I2S1, and GPIO. MMC1_CLK/ IPD For MMC/SD, this is the MMC1 data clock output MMC1_CLK. I2S1_CLK/ M13 O DVDDIO Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be GP[6] enabled or disabled via the PDINHIBR1 register. This pin is multiplexed between MMC1, I2S1, and GPIO. MMC1_CMD/ IPD For MMC/SD, this is the MMC1 command I/O output MMC1_CMD. I2S1_FS/ L14 O DVDDIO Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be GP[7] enabled or disabled via the PDINHIBR1 register. MMC1_D3/ IPD L13 I/O/Z GP[11] DVDDIO The MMC1_D3 and MMC1_D2 pins are multiplexed between MMC1 and GPIO. MMC1_D2/ IPD K14 I/O/Z The MMC1_D1 and MMC1_D0 pins are multiplexed between MMC1, I2S1, and GP[10] DVDDIO GPIO. MMC1_D1/ In MMC/SD mode, all these pins are the MMC1 nibble wide bi-directional data bus. IPD I2S1_RX/ M12 I/O/Z Mux control via the SP1MODE bits in the EBSR. DVDDIO GP[9] The IPD resistor on these pins can be enabled or disabled via the PDINHIBR1 register. MMC1_D0/ IPD I2S1_DX/ M14 I/O/Z DVDDIO GP[8] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.8.1 , Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Table 3-16. MMC0/SD Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. MMC/SD This pin is multiplexed between MMC0, I2S0, and GPIO. MMC0_CLK/ IPD For MMC/SD, this is the MMC0 data clock output MMC0_CLK. I2S0_CLK/ L10 O DVDDIO Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be GP[0] enabled or disabled via the PDINHIBR1 register. This pin is multiplexed between MMC0, I2S0, and GPIO. MMC0_CMD/ IPD For MMC/SD, this is the MMC0 command I/O output MMC0_CMD. I2S0_FS/ M11 O DVDDIO Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be GP[1] enabled or disabled via the PDINHIBR1 register. MMC0_D3/ IPD L11 I/O/Z GP[5] DVDDIO The MMC0_D3 and MMC0_D2 pins are multiplexed between MMC0 and GPIO. MMC0_D2/ IPD L12 I/O/Z The MMC0_D1 and MMC0_D0 pins are multiplexed between MMC0, I2S0, and GP[4] DVDDIO GPIO. MMC0_D1/ In MMC/SD mode, these pins are the MMC0 nibble wide bi-directional data bus. IPD I2S0_RX/ M10 I/O/Z Mux control via the SP0MODE bits in the EBSR. DVDDIO GP[3] The IPD resistor on these pins can be enabled or disabled via the PDINHIBR1 register. MMC0_D0/ IPD I2S0_DX/ L9 I/O/Z DVDDIO GP[2] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.8.1 , Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal 28 Device Overview Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320VC5505 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |