Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 59Page - Texas Instruments TMS320VC5505 Datasheet HTML 60Page - Texas Instruments TMS320VC5505 Datasheet HTML 61Page - Texas Instruments TMS320VC5505 Datasheet HTML 62Page - Texas Instruments TMS320VC5505 Datasheet HTML 63Page - Texas Instruments TMS320VC5505 Datasheet HTML 64Page - Texas Instruments TMS320VC5505 Datasheet HTML 65Page - Texas Instruments TMS320VC5505 Datasheet HTML 66Page - Texas Instruments TMS320VC5505 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 135 page
background image
(
)
C C
1
2
CL
C
C
1
2
=
+
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
The crystal should be in fundamental-mode operation, and parallel resonant, with a maximum effective
series resistance (ESR) specified in Table 6-2. The load capacitors, C1 and C2 are the total capacitance
of the circuit board and components, excluding the IC and crystal. The load capacitor value is usually
approximately twice the value of the crystal's load capacitance, CL, which is specified in the crystal
manufacturer's datasheet and should be chosen such that the equation below is satisfied. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (USB_MXI and USB_MXO) and to the USB_VSSOSC pin.
Table 6-2. Input Requirements for Crystal on the 12-MHz USB Oscillator
PARAMETER
MIN
NOM
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency of 12 MHz)(1)
0.100
10
ms
Oscillation frequency
12
MHz
ESR
100
Ω
Frequency stability(2)
±100
ppm
Maximum shunt capacitance
5
pF
Maximum crystal drive
330
mW
(1)
The startup time is highly dependent on the ESR and the capacitive load of the crystal.
(2)
If the USB is used, a 12-MHz, ±100-ppm crystal is recommended.
6.5
Clock PLLs
The VC5505 DSP uses a software-programmable PLL to generate frequencies required by the CPU,
DMA, and peripherals. The reference clock for the PLL is taken from either the CLKIN pin or the RTC
on-chip oscillator (as specified through the CLK_SEL pin).
6.5.1
PLL Device-Specific Information
There is a minimum and maximum operating frequency for CLKIN, PLLOUT, and the system clock
(SYSCLK). The system clock generator must be configured not to exceed any of these constraints
documented in this section (certain combinations of external clock inputs, internal dividers, and PLL
multiply ratios might not be supported).
Table 6-3. PLLC1 Clock Frequency Ranges
CVDD = 1.05 V
CVDD = 1.3 V
CLOCK SIGNAL NAME
UNIT
MIN
MAX
MIN
MAX
11.2896
11.2896
CLKIN(1)
12
12
MHz
12.288
12.288
RTC Clock
32.768
32.768
KHz
PLLIN
32.768
170
32.768
170
KHz
PLLOUT
60
120
60
120
MHz
SYSCLK
0.032768
60
0.032768
100
MHz
PLL_LOCKTIME
4
4
ms
(1)
These CLKIN values are used when the CLK_SEL pin = 1.
Copyright © 2009–2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
63
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com