Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 15Page - Texas Instruments TMS320VC5505 Datasheet HTML 16Page - Texas Instruments TMS320VC5505 Datasheet HTML 17Page - Texas Instruments TMS320VC5505 Datasheet HTML 18Page - Texas Instruments TMS320VC5505 Datasheet HTML 19Page - Texas Instruments TMS320VC5505 Datasheet HTML 20Page - Texas Instruments TMS320VC5505 Datasheet HTML 21Page - Texas Instruments TMS320VC5505 Datasheet HTML 22Page - Texas Instruments TMS320VC5505 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 135 page
background image
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
Table 3-8. External Memory Interface (EMIF) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
EMIF FUNCTIONAL PINS: ASYNC (NOR, SRAM, and NAND)
Note: When accessing 8-bit Asynchronous memory, pins EM_A[20:0] should be
connected to memory address pins [22:2] and EM_BA[1:0] should be connected to
memory addresss pins [1:0]. For 16-bit Asynchronous memory, pins EM_A[20:0]
should be connected to memory address pins [20:1] and EM_BA[1] should be
connected to memory addresss pin [0].
This pin is multiplexed between EMIF and GPIO. For EMIF, this pin is the EMIF
IPD
external address pin 20.
EM_A[20]/GP[26]
J3
I/O/Z
DVDDEMIF
Mux control via the A20_MODE bit in the EBSR (see Figure 4-2).
The IPD resistor on this pin can be enabled or disabled via the PDINHIBR2 register.
This pin is multiplexed between EMIF and GPIO. For EMIF, this pin is the EMIF
IPD
external address pin 19.
EM_A[19]/GP[25]
G4
I/O/Z
DVDDEMIF
Mux control via the A19_MODE bit in the EBSR (see Figure 4-2).
The IPD resistor on this pin can be enabled or disabled via the PDINHIBR2 register.
This pin is multiplexed between EMIF and GPIO. For EMIF, this pin is the EMIF
IPD
external address pin 18.
EM_A[18]/GP[24]
G2
I/O/Z
DVDDEMIF
Mux control via the A18_MODE bit in the EBSR (see Figure 4-2).
The IPD resistor on this pin can be enabled or disabled via the PDINHIBR2 register.
This pin is multiplexed between EMIF and GPIO. For EMIF, this pin is the EMIF
IPD
external address pin 17.
EM_A[17]/GP[23]
F2
I/O/Z
DVDDEMIF
Mux control via the A17_MODE bit in the EBSR (see Figure 4-2).
The IPD resistor on this pin can be enabled or disabled via the PDINHIBR2 register.
This pin is multiplexed between EMIF and GPIO. For EMIF, this pin is the EMIF
IPD
external address pin 16.
EM_A[16]/GP[22]
E2
I/O/Z
DVDDEMIF
Mux control via the A16_MODE bit in the EBSR (see Figure 4-2).
The IPD resistor on this pin can be enabled or disabled via the PDINHIBR2 register.
This pin is multiplexed between EMIF and GPIO. For EMIF, this pin is the EMIF
IPD
external address pin 15.
EM_A[15]/GP[21]
N1
I/O/Z
DVDDEMIF
Mux control via the A15_MODE bit in the EBSR (see Figure 4-2).
The IPD resistor on this pin can be enabled or disabled via the PDINHIBR2 register.
EM_A[14]
M1
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 14.
EM_A[13]
L1
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 13.
This pin is the EMIF external address pin 12. When interfacing with NAND Flash,
EM_A[12]/(CLE)
K1
I/O/Z
DVDDEMIF
this pin also acts as Command Latch Enable (CLE).
This pin is the EMIF external address pin 11. When interfacing with NAND Flash,
EM_A[11]/(ALE)
K2
I/O/Z
DVDDEMIF
this pin also acts as Address Latch Enable (ALE).
EM_A[10]
L2
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 10.
EM_A[9]
J2
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 9.
EM_A[8]
J1
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 8.
EM_A[7]
H2
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 7.
EM_A[6]
F1
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 6.
EM_A[5]
D1
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 5.
EM_A[4]
C1
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 4.
EM_A[3]
D2
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 3.
EM_A[2]
E1
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 2.
EM_A[1]
C2
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 1.
EM_A[0]
B2
I/O/Z
DVDDEMIF
This pin is the EMIF external address pin 0.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2009–2010, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com