Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 60Page - Texas Instruments TMS320VC5505 Datasheet HTML 61Page - Texas Instruments TMS320VC5505 Datasheet HTML 62Page - Texas Instruments TMS320VC5505 Datasheet HTML 63Page - Texas Instruments TMS320VC5505 Datasheet HTML 64Page - Texas Instruments TMS320VC5505 Datasheet HTML 65Page - Texas Instruments TMS320VC5505 Datasheet HTML 66Page - Texas Instruments TMS320VC5505 Datasheet HTML 67Page - Texas Instruments TMS320VC5505 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 135 page
background image
CLKIN
2
3
4
4
1
1
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
The PLL has a lock time requirements that must be followed. The PLL lock time is the amount of time
needed for the PLL to complete its phase-locking sequence.
6.5.2
Clock PLL Considerations With External Clock Sources
If the CLKIN pin is used to provide the reference clock to the PLL, to minimize the clock jitter a single
clean power supply should power both the VC5505 device and the external clock oscillator circuit. The
minimum CLKIN rise and fall times should also be observed. For the input clock timing requirements, see
Section 6.5.3, Clock PLL Electrical Data/Timing (Input and Output Clocks).
Rise/fall times, duty cycles (high/low pulse durations), and the load capacitance of the external clock
source must meet the device requirements in this data manual (see Section 5.3, Electrical Characteristics
Over Recommended Ranges of Supply Voltage and Operating Temperature, and Section 6.5.3, Clock
PLL Electrical Data/Timing (Input and Output Clocks).
6.5.3
Clock PLL Electrical Data/Timing (Input and Output Clocks)
Table 6-4. Timing Requirements for CLKIN(1) (2) (see Figure 6-7)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
88.577,
88.577,
Cycle time, external
83.333,
83.333,
1
tc(CLKIN)
clock driven on
16.67
10
ns
or
or
CLKIN
81.380
81.380
Pulse width, CLKIN
2
tw(CLKINH)
0.466 * tc(CLKIN)
0.466 * tc(CLKIN)
ns
high
Pulse width, CLKIN
3
tw(CLKINL)
0.466 * tc(CLKIN)
0.466 * tc(CLKIN)
ns
low
Transition time,
4
tt(CLKIN)
0.34 * tc(CLKIN)
0.34 * tc(CLKIN)
ns
CLKIN
(1)
The CLKIN frequency and PLL multiply factor should be chosen such that the resulting clock frequency is within the specific range for
CPU operating frequency.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
Figure 6-7. CLKIN Timing
64
Peripheral Information and Electrical Specifications
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com