Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 61Page - Texas Instruments TMS320VC5505 Datasheet HTML 62Page - Texas Instruments TMS320VC5505 Datasheet HTML 63Page - Texas Instruments TMS320VC5505 Datasheet HTML 64Page - Texas Instruments TMS320VC5505 Datasheet HTML 65Page - Texas Instruments TMS320VC5505 Datasheet HTML 66Page - Texas Instruments TMS320VC5505 Datasheet HTML 67Page - Texas Instruments TMS320VC5505 Datasheet HTML 68Page - Texas Instruments TMS320VC5505 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 135 page
background image
CLKOUT
1
2
5
4
3
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
Table 6-5. Switching Characteristics Over Recommended Operating Conditions for CLKOUT(1) (2)
(see Figure 6-8)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
tc(CLKOUT)
Cycle time, CLKOUT
P
16.67
P
10
ns
2
tw(CLKOUTH)
Pulse duration, CLKOUT high
7.497
9.163
4.5
5.5
ns
3
tw(CLKOUTL)
Pulse duration, CLKOUT low
7.497
9.163
4.5
5.5
ns
4
tt(CLKOUTR)
Transition time (rise), CLKOUT(3)
5
5
ns
5
tt(CLKOUTF)
Transition time (fall), CLKOUT(3)
5
5
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
P = 1/SYSCLK clock frequency in nanoseconds (ns). For example, when SYSCLK frequency is 100 MHz, use P = 10 ns.
(3)
Transition time is measured with the slew rate set to FAST and DVDDIO = 1.65 V. (For more detailed information, see the Section 4.6.5 ,
Output Slew Rate Control Register (OSRCR) [1C16h].).
Figure 6-8. CLKOUT Timing
Copyright © 2009–2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
65
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com