Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 86Page - Texas Instruments TMS320VC5505 Datasheet HTML 87Page - Texas Instruments TMS320VC5505 Datasheet HTML 88Page - Texas Instruments TMS320VC5505 Datasheet HTML 89Page - Texas Instruments TMS320VC5505 Datasheet HTML 90Page - Texas Instruments TMS320VC5505 Datasheet HTML 91Page - Texas Instruments TMS320VC5505 Datasheet HTML 92Page - Texas Instruments TMS320VC5505 Datasheet HTML 93Page - Texas Instruments TMS320VC5505 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 135 page
background image
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
6.12 Inter-Integrated Circuit (I2C)
The inter-integrated circuit (I2C) module provides an interface between VC5505 and other devices
compliant with Philips Semiconductors Inter-IC bus (I2C-bus™) specification version 2.1. External
components attached to this 2-wire serial bus can transmit/receive 2 to 8-bit data to/from the DSP through
the I2C module. The I2C port does not support CBUS compatible devices.
The I2C port supports the following features:
•
Compatible with Philips I2C Specification Revision 2.1 (January 2000)
•
Data Transfer Rate from 10 kbps to 400 kbps (Philips Fast-Mode Rate)
•
Noise Filter to Remove Noise 50 ns or Less
•
Seven- and Ten-Bit Device Addressing Modes
•
Master (Transmit/Receive) and Slave (Transmit/Receive) Functionality
•
One Read DMA Event and One Write DMA Event, which can be used by the DMA Controller
•
One Interrupt that can be used by the CPU
•
Slew-Rate Limited Open-Drain Output Buffers
The I2C module clock must be in the range from 6.7 MHz to 13.3 MHz. This is necessary for proper
operation of the I2C module. With the I2C module clock in this range, the noise filters on the SDA and
SCL pins suppress noise that has a duration of 50 ns or shorter. The I2C module clock is derived from the
DSP clock divided by a programmable prescaler.
90
Peripheral Information and Electrical Specifications
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com