| Electronic Components Datasheet Search |
|
TMS320VC5505 Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5505 Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 135 page ![]() TMS320VC5505 SPRS503B – JUNE 2009 – REVISED JANUARY 2010 www.ti.com Table 3-18. GPIO Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. LCD_D[11]/ This pin is multiplexed between LCD Bridge, I2S2, GPIO, and SPI. I2S2_DX/ IPD For GPIO, it is general-purpose input/output pin 27 (GP[27]). P12 I/O/Z GP[27]/ DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be SPI_TX enabled or disabled via the PDINHIBR3 register. LCD_D[12]/ This pin is multiplexed between LCD Bridge, UART, GPIO, and I2S3. UART_RTS/ IPD For GPIO, it is general-purpose input/output pin 28 (GP[28]). N12 I/O/Z GP[28]/ DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be I2S3_CLK enabled or disabled via the PDINHIBR3 register. LCD_D[13]/ This pin is multiplexed between LCD Bridge, UART, GPIO, and I2S3. UART_CTS/ IPD For GPIO, it is general-purpose input/output pin 29 (GP[29]). P13 I/O/Z GP[29]/ DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be I2S3_FS enabled or disabled via the PDINHIBR3 register. LCD_D[14]/ This pin is multiplexed between LCD Bridge, UART, GPIO, and I2S3. UART_RXD/ IPD For GPIO, it is general-purpose input/output pin 30 (GP[30]). N13 I/O/Z GP[30]/ DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be I2S3_RX enabled or disabled via the PDINHIBR3 register. LCD_D[15]/ This pin is multiplexed between LCD Bridge, UART, GPIO, and I2S3. UART_TXD/ IPD For GPIO, it is general-purpose input/output pin 31 (GP[31]). P14 I/O/Z GP[31]/ DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be I2S3_DX enabled or disabled via the PDINHIBR3 register. 32 Device Overview Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320VC5505 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |