Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 63Page - Texas Instruments TMS320VC5505 Datasheet HTML 64Page - Texas Instruments TMS320VC5505 Datasheet HTML 65Page - Texas Instruments TMS320VC5505 Datasheet HTML 66Page - Texas Instruments TMS320VC5505 Datasheet HTML 67Page - Texas Instruments TMS320VC5505 Datasheet HTML 68Page - Texas Instruments TMS320VC5505 Datasheet HTML 69Page - Texas Instruments TMS320VC5505 Datasheet HTML 70Page - Texas Instruments TMS320VC5505 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 135 page
background image
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
6.7
Reset
Supports only one type of reset, device reset.
The VC5505 has two main types of reset: hardware reset and software reset.
Hardware reset is responsible for initializing all key states of the device. It occurs whenever the RESET
pin is asserted or when the internal power-on-reset (POR) circuit deasserts an internal signal called
POWERGOOD. VC5505 device's internal POR is a voltage comparator that monitors the DSP_LDOO pin
voltage and generates the internal POWERGOOD signal. POWERGOOD is asserted when the
DSP_LDOO voltage is above a minimum threshold voltage provided by the bandgap. On VC5505 , the
voltage comparator circuit is present and active in the POR circuit even though the DSP_LDO is not
currently supported. The RESET pin and the POWERGOOD signal are internally combined with a logical
AND gate to produce an (active low) hardware reset (see Figure 6-9, Power-On Reset Timing
Requirements and Figure 6-10, Reset Timing Requirements).
There are two types of software reset: the CPU's software reset instruction and the software control of the
peripheral reset signals. For more information on the CPU's software reset instruction, see the
TMS320C55x CPU 3.0 CPU Reference Guide (literature number: SWPU073). In all VC5505
documentation, all references to "reset" refer to hardware reset. Any references to software reset will
explicitly state software reset.
The VC5505 RTC has one additional type of reset, a power-on-reset (POR) for the registers in the RTC
core. This POR monitors the voltage of CVDD_RTC and resets the RTC registers when power is first applied
to the RTC core.
6.7.1
Power-On Reset (POR) Circuits
The VC5505 device includes two power-on reset (POR) circuits, one for the RTC (RTC POR) and another
for the rest of the chip (MAIN POR).
6.7.1.1
RTC Power-On Reset (POR)
The RTC POR ensures that the flip-flops in the CVDD_RTC power domain have an initial state upon
powerup. In particular, the RTCNOPWR register is reset by this POR and is used to indicate that the RTC
time registers need to be initialized with the current time and date when power is first applied.
6.7.1.2
Main Power-On Reset (POR)
The VC5505 device includes an analog power-on reset (POR) circuit that keeps the DSP in reset until
specific voltages have reached predetermined levels. The output of the POR circuit, POWERGOOD, is
held low until the following conditions are satisfied:
•
ANA_LDOI is powered and the bandgap is active for at least approximately 8 ms
•
VDD_ANA is powered for at least approximately 4 ms
•
DSP_LDOO is powered and above a threshold of approximately 900 mV (see Note:)
Once these conditions are met, the internal POWERGOOD signal is set high. The POWERGOOD signal
is internally combined with the RESET pin signal, via an AND-gate, to produce the DSP subsystem's
global reset. This global reset is the hardware reset for the whole chip, except the RTC. When the global
reset is deasserted (high), the boot sequence starts. For more detailed information on the boot sequence,
see Section 4.4, Boot Sequence.
Note: The DSP_LDO is not supported on VC5505 device, but it's output voltage is still monitored by the
MAIN POR and must reach, and remain, higher than the POR's threshold for the POWERGOOD signal to
be high. The DSP_LDOO pin must be left floating and be properly bypassed as specified in the
DSP_LDOO entry in Table 3-19, Regulators and Power Management Terminal Functions. By leaving this
pin floating, the VC5505 's internal circuits provide the necessary voltage above the POR's threshold for
POWERGOOD.
Copyright © 2009–2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
67
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com