Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 49Page - Texas Instruments TMS320VC5505 Datasheet HTML 50Page - Texas Instruments TMS320VC5505 Datasheet HTML 51Page - Texas Instruments TMS320VC5505 Datasheet HTML 52Page - Texas Instruments TMS320VC5505 Datasheet HTML 53Page - Texas Instruments TMS320VC5505 Datasheet HTML 54Page - Texas Instruments TMS320VC5505 Datasheet HTML 55Page - Texas Instruments TMS320VC5505 Datasheet HTML 56Page - Texas Instruments TMS320VC5505 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 135 page
background image
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
5
Device Operating Conditions
5.1
Absolute Maximum Ratings Over Operating Case Temperature Range (Unless
Otherwise Noted)
(1)
Supply voltage ranges:
Digital Core (CVDD, CVDDRTC, USB_VDD1P3)
(2)
–0.5 V to 1.7 V
I/O, 1.8 V, 2.5 V, 2.8 V, 3.3 V (DVDDIO, DVDDEMIF,
–0.5 V to 4.2 V
DVDDRTC) 3.3V USB supplies USB PHY (USB_VDDOSC,
USB_VDDPLL, USB_VDDA3P3)
(2)
ANA_LDOI
–0.5 V to 4.2 V
Analog, 1.3 V (VDDA_PLL, USB_VDDA1P3, VDDA_ANA)
(2)
–0.5 V to 1.7 V
Input and Output voltage ranges:
VI I/O, All pins with DVDDIO or DVDDEMIF or USB_VDDOSC
–0.5 V to 4.2 V
or USB_VDDPLLor USB_VDDA3P3 as supply source
VO I/O, All pins with DVDDIO or DVDDEMIF or
–0.5 V to 4.2 V
USB_VDDOSCor USB_VDDPLLor USB_VDDA3P3 as supply
source
RTC_XI and RTC_XO
–0.5 V to 1.7 V
VI and VO, GPAIN[0]
–0.5 V to 4.2 V
VI and VO, GPAIN[3:1]
–0.5 V to 1.7 V
VO, BG_CAP
–0.5 V to 1.7 V
ANA_LDOO
–0.5 V to 1.7 V
Operating case temperature ranges, Tc:
Commercial Temperature (default)
0°C to 70°C
Industrial Temperature
-40°C to 85°C
Storage temperature range, Tstg
(default)
–65°C to 150°C
Device Operating Life
Commercial Temperature(3)
100, 000 POH
Power-On Hours (POH)
Industrial Temperature(3)
100, 000 POH
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
(3)
For devices running with CVDD = 1.3 V @ 100 MHz for commercial temperature, the Device Operating Life Power-On Hours are 70, 000
POH of the total POH .
For devices running with CVDD = 1.3 V @ 100 MHz for industrial temperature, the Device Operating Life Power-On Hours are 17, 000
POH of the total POH.
Copyright © 2009–2010, Texas Instruments Incorporated
Device Operating Conditions
53
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com