Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 8Page - Texas Instruments TMS320VC5505 Datasheet HTML 9Page - Texas Instruments TMS320VC5505 Datasheet HTML 10Page - Texas Instruments TMS320VC5505 Datasheet HTML 11Page - Texas Instruments TMS320VC5505 Datasheet HTML 12Page - Texas Instruments TMS320VC5505 Datasheet HTML 13Page - Texas Instruments TMS320VC5505 Datasheet HTML 14Page - Texas Instruments TMS320VC5505 Datasheet HTML 15Page - Texas Instruments TMS320VC5505 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 135 page
background image
00010000h
64KMinus192Bytes
DARAM
(D)
00090000h
SARAM
256KBytes
External-CS2Space
(C)
02000000h
03000000h
04000000h
05000000h
050E0000h
128KBytes Asynchronous(ifMPNMC=1)
128KBytesROM(ifMPNMC=0)
External-CS3Space
(C)
External-CS4Space
(C)
External-CS5Space
(C)
BLOCKSIZE
DMA/USB/LCD
BYTE ADDRESS(A)
ROM
(ifMPNMC=0)
External-CS5
fMPNMC=1)
(C)
Space
(i
1MMinus128KBytes Asynchronous
1MBytes Asynchronous
2MBytes Asynchronous
4MBytes Asynchronous
MEMORY BLOCKS
000100C0h
MMR(Reserved)
(B)
01000000h
Reserved
8MMinus320KBytes
050FFFFFh
000000h
010000h
800000h
C00000h
E00000h
F00000h
FE0000h
CPUBYTE
ADDRESS(A)
0000C0h
050000h
FFFFFFh
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
3.3
Memory Map Summary
The VC5505 provides 16M bytes of total memory space composed of on-chip RAM, on-chip ROM, and
external memory space supporting a variety of memory types. The on-chip, dual-access RAM allows two
accesses to a given block during the same cycle. The VC5505 supports 8 blocks of 4K words of
dual-access RAM. The on-chip, single-access RAM allows one access to a given block per cycle. The
VC5505 supports 32 blocks of 4K words of single-access RAM.
The remainder of the memory map is divided into reserved areas, four external spaces, and on-chip ROM.
Each external space has a chip select decode signal (called CS[2:5]) that indicates an access to the
selected space. The external memory interface (EMIF) supports access to asynchronous memories such
as SRAM, NAND, or NOR.
The DSP memory is accessible by different master modules within the DSP, including the C55x CPU, the
four DMA controllers, LCD, and USB (see Figure 3-1).
A.
Address shown represents the first byte address in each block.
B.
The first 192 bytes are reserved for memory-mapped registers (MMRs).
C.
Out of the four DMA controllers, only DMA controller 3 has access to the external memory space.
D.
The USB and LCD controllers do not have access to DARAM.
Figure 3-1. TMS320VC5505 Memory Map Summary
3.4
Pin Assignments
Extensive use of pin multiplexing is used to accommodate the largest number of peripheral functions in
the smallest possible package. Pin multiplexing is controlled using software programmable register
settings. For more information on pin muxing, see Section 4.7, Multiplexed Pin Configurations of this
document.
12
Device Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com