| Electronic Components Datasheet Search |
|
TMS320VC5505 Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5505 Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 135 page ![]() TMS320VC5505 www.ti.com SPRS503B – JUNE 2009 – REVISED JANUARY 2010 Table 3-11. Serial Peripheral Interface (SPI) Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. Serial Port Interface (SPI) This pin is multiplexed between LCD Bridge and SPI. LCD_CS0_E0/ P4 I/O/Z DVDDIO Mux control via the PPMODE bits in the EBSR. SPI_CS0 For SPI, this pin is SPI chip select SPI_CS0. LCD_D[9]/ This pin is multiplexed between LCD Bridge, I2S2, GPIO, and SPI. I2S2_FS/ IPD Mux control via the PPMODE bits in the EBSR. P11 I/O/Z GP[19]/ DVDDIO For SPI, this pin is SPI chip select SPI_CS0. SPI_CS0 The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. This pin is multiplexed between LCD Bridge and SPI. LCD_CS1_E1/ N4 I/O/Z DVDDIO Mux control via the PPMODE bits in the EBSR. SPI_CS1 For SPI, this pin is SPI chip select SPI_CS1. This pin is multiplexed between LCD Bridge and SPI. LCD_RW_WRB/ P5 I/O/Z DVDDIO Mux control via the PPMODE bits in the EBSR. SPI_CS2 For SPI, this pin is SPI chip select SPI_CS2. This pin is multiplexed between LCD Bridge and SPI. LCD_RS/ N5 I/O/Z DVDDIO Mux control via the PPMODE bits in the EBSR. SPI_CS3 For SPI, this pin is SPI chip select SPI_CS3. This pin is multiplexed between LCD Bridge and SPI. LCD_EN_RDB/ N3 O/Z DVDDIO Mux control via the PPMODE bits in the EBSR. SPI_CLK For SPI, this pin is clock output SPI_CLK. LCD_D8]/ This pin is multiplexed between LCD Bridge, I2S2, GPIO, and SPI. I2S2_CLK/ IPD Mux control via the PPMODE bits in the EBSR. N10 GP[18]/ DVDDIO For SPI, this pin is clock output SPI_CLK. SPI_CLK The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. This pin is multiplexed between LCD Bridge and SPI. LCD_D[1]/ N6 I/O/Z DVDDIO Mux control via the PPMODE bits in the EBSR. SPI_TX For SPI, this pin is SPI transmit data output. LCD_D[11]/ This pin is multiplexed between LCD Bridge, I2S2, GPIO, and SPI. I2S2_DX/ IPD Mux control via the PPMODE bits in the EBSR. P12 I/O/Z GP[27]/ DVDDIO For SPI, this pin is SPI transmit data output. SPI_TX The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. This pin is multiplexed between LCD Bridge and SPI. LCD_D[0]/ P6 I/O/Z DVDDIO Mux control via the PPMODE bits in the EBSR. SPI_RX For SPI this pin is SPI receive data input. LCD_D[10]/ This pin is multiplexed between LCD Bridge, I2S2, GPIO, and SPI. I2S2_RX/ IPD Mux control via the PPMODE bits in the EBSR. N11 I/O/Z GP[20]/ DVDDIO For SPI this pin is SPI receive data input. SPI_RX The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.8.1 , Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2009–2010, Texas Instruments Incorporated Device Overview 23 Submit Documentation Feedback Product Folder Link(s): TMS320VC5505 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |