Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 44Page - Texas Instruments TMS320VC5505 Datasheet HTML 45Page - Texas Instruments TMS320VC5505 Datasheet HTML 46Page - Texas Instruments TMS320VC5505 Datasheet HTML 47Page - Texas Instruments TMS320VC5505 Datasheet HTML 48Page - Texas Instruments TMS320VC5505 Datasheet HTML 49Page - Texas Instruments TMS320VC5505 Datasheet HTML 50Page - Texas Instruments TMS320VC5505 Datasheet HTML 51Page - Texas Instruments TMS320VC5505 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 135 page
background image
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
4.7
Multiplexed Pin Configurations
The VC5505 DSP uses pin multiplexing to accommodate a larger number of peripheral functions in the
smallest possible package, providing the ultimate flexibility for end applications. The external bus selection
register (EBSR) controls all the pin multiplexing functions on the device.
4.7.1
Pin Multiplexing Details
This section discusses how to program the external bus selection register (EBSR) to select the desired
peripheral functions and pin muxing. See the individual pin mux sections for pin muxing details for a
specific muxed pin. After changing any of the pin mux control registers, it will be necessary to reset the
peripherals that are affected.
4.7.1.1
LCD Controller, SPI, UART, I2S2, I2S3, and GP[31:27, 20:18] Pin Multiplexing [EBSR.PPMODE
Bits]
The LCD Controller, SPI, UART, I2S2, I2S3, and GPIO signal muxing is determined by the value of the
PPMODE bit fields in the External Bus Selection Register (EBSR) register. For more details on the actual
pin functions, see Table 4-4 .
48
Device Configuration
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com