Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 6Page - Texas Instruments TMS320VC5505 Datasheet HTML 7Page - Texas Instruments TMS320VC5505 Datasheet HTML 8Page - Texas Instruments TMS320VC5505 Datasheet HTML 9Page - Texas Instruments TMS320VC5505 Datasheet HTML 10Page - Texas Instruments TMS320VC5505 Datasheet HTML 11Page - Texas Instruments TMS320VC5505 Datasheet HTML 12Page - Texas Instruments TMS320VC5505 Datasheet HTML 13Page - Texas Instruments TMS320VC5505 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
3.2.5
I/O Memory
The VC5505 DSP includes a 64K byte I/O space for the memory-mapped registers of the DSP peripherals
and system registers used for idle control, status monitoring and system configuration. I/O space is
separate from program/memory space and is accessed with separate instruction opcodes or via the
DMA's.
Table 3-4 lists the memory-mapped registers of the device. Note that not all addresses in the 64K byte I/O
space are used; these addresses should be treated as RESERVED and not accessed by the CPU nor
DMA.. For the expanded tables of each peripheral, see Section 6, Peripheral Information and Electrical
Specifications of this document.
Some DMA controllers have access to the I/O-Space memory-mapped registers of the following
peripherals registers: I2C, UART, I2S, MMC/SD, EMIF, USB, and SAR ADC .
Before accessing any peripheral memory-mapped register, make sure the peripheral being accessed is
not held in reset via the Peripheral Reset Control Register (PRCR) and its internal clock is enabled via the
Peripheral Clock Gating Control Registers (PCGCR1 and PCGCR2).
Table 3-4. Peripheral I/O-Space Control Registers
WORD ADDRESS
PERIPHERAL
0x0000 – 0x0004
Idle Control
0x0005 – 0x000D through 0x0803 – 0x0BFF
Reserved
0x0C00 – 0x0C7F
DMA0
0x0C80 – 0x0CFF
Reserved
0x0D00 – 0x0D7F
DMA1
0x0D80 – 0x0DFF
Reserved
0x0E00 – 0x0E7F
DMA2
0x0E80 – 0x0EFF
Reserved
0x0F00 – 0x0F7F
DMA3
0x0F80 – 0x0FFF
Reserved
0x1000 – 0x10DD
EMIF
0x10EE – 0x10FF through 0x1300 – 0x17FF
Reserved
0x1800 – 0x181F
Timer0
0x1820 – 0x183F
Reserved
0x1840 – 0x185F
Timer1
0x1860 – 0x187F
Reserved
0x1880 – 0x189F
Timer2
0x1900 – 0x197F
RTC
0x1980 – 0x19FF
Reserved
0x1A00 – 0x1A6C
I2C
0x1A6D – 0x1AFF
Reserved
0x1B00 – 0x1B1F
UART
0x1B80 – 0x1BFF
Reserved
0x1C00 – 0x1CFF
System Control
0x1D00 – 0x1FFF through 0x2600 – 0x27FF
Reserved
0x2800 – 0x2840
I2S0
0x2900 – 0x2940
I2S1
0x2A00 – 0x2A40
I2S2
0x2B00 – 0x2B40
I2S3
0x2C41 – 0x2DFF
Reserved
0x2E00 – 0x2E40
LCD
10
Device Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com