Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 67Page - Texas Instruments TMS320VC5505 Datasheet HTML 68Page - Texas Instruments TMS320VC5505 Datasheet HTML 69Page - Texas Instruments TMS320VC5505 Datasheet HTML 70Page - Texas Instruments TMS320VC5505 Datasheet HTML 71Page - Texas Instruments TMS320VC5505 Datasheet HTML 72Page - Texas Instruments TMS320VC5505 Datasheet HTML 73Page - Texas Instruments TMS320VC5505 Datasheet HTML 74Page - Texas Instruments TMS320VC5505 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 135 page
background image
1
2
INTx
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
6.8
Wake-up Events, Interrupts, and XF
The VC5505 device has a number of interrupts to service the needs of its peripherals. The interrupts can
be selectively enabled or disabled.
6.8.1
Interrupts Electrical Data/Timing
Table 6-7. Timing Requirements for Interrupts(1) (see Figure 6-11)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
UNIT
MIN
MAX
1
tw(INTH)
Pulse duration, interrupt high CPU active
2P
ns
2
tw(INTL)
Pulse duration, interrupt low CPU active
2P
ns
(1)
P = 1/SYSCLK clock frequency in ns. For example, when running parts at 100 MHz, use P = 10 ns.
Figure 6-11. External Interrupt Timings
6.8.2
Wake-Up From IDLE Electrical Data/Timing
Table 6-8. Timing Requirements for Wake-Up From IDLE (see Figure 6-12)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
UNIT
MIN
MAX
1
tw(WKPL)
Pulse duration, WAKEUP or INTx low, SYSCLKDIS = 1
10
ns
Table 6-9. Switching Characteristics Over Recommended Operating Conditions For Wake-Up From
IDLE(1) (2) (3)
(see Figure 6-12)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
PARAMETER
UNIT
MIN
TYP
MAX
IDLE3 Mode with SYSCLKDIS = 1,
WAKEUP or INTx event, CLK_SEL =
P
ns
1
td(WKEVTH-C
Delay time, Wake-Up event high to
2
IDLE3 Mode with SYSCLKDIS = 1,
KLGEN)
CPU active
WAKEUP or INTx event, CLK_SEL =
C
ns
0
IDLE2 Mode; INTx event
3P
ns
(1)
P = 1/SYSCLK clock frequency in ns. For example, when running parts at 100 MHz, P = 10 ns.
(2)
C = 1/RTCCLK= 30.5 ms. RTCCLK is the clock output of the 32.768-kHz RTC oscillator.
(3)
Assumes the internal LDOs are used with a 0.1uF bandgap capacitor.
Copyright © 2009–2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
71
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com