Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 91Page - Texas Instruments TMS320VC5505 Datasheet HTML 92Page - Texas Instruments TMS320VC5505 Datasheet HTML 93Page - Texas Instruments TMS320VC5505 Datasheet HTML 94Page - Texas Instruments TMS320VC5505 Datasheet HTML 95Page - Texas Instruments TMS320VC5505 Datasheet HTML 96Page - Texas Instruments TMS320VC5505 Datasheet HTML 97Page - Texas Instruments TMS320VC5505 Datasheet HTML 98Page - Texas Instruments TMS320VC5505 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 135 page
background image
TMS320VC5505
www.ti.com
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
6.13 Universal Asynchronous Receiver/Transmitter (UART)
The UART performs serial-to-parallel conversions on data received from an external peripheral device and
parallel-to-serial conversions on data transmitted to an external peripheral device via a serial bus.
The VC5505 has one UART peripheral with the following features:
•
Programmable baud rates (frequency pre-scale values from 1 to 65535)
•
Fully programmable serial interface characteristics:
–
5, 6, 7, or 8-bit characters
–
Even, odd, or no PARITY bit generation and detection
–
1, 1.5, or 2 STOP bit generation
•
16-byte depth transmitter and receiver FIFOs:
–
The UART can be operated with or without the FIFOs
–
1, 4, 8, or 14 byte selectable receiver FIFO trigger level for autoflow control and DMA
•
DMA signaling capability for both received and transmitted data
•
CPU interrupt capability for both received and transmitted data
•
False START bit detection
•
Line break generation and detection
•
Internal diagnostic capabilities:
–
Loopback controls for communications link fault isolation
–
Break, parity, overrun, and framing error simulation
•
Programmable autoflow control using CTS and RTS signals
6.13.1 UART Peripheral Register Description(s)
Table 6-24 shows the UART registers.
Table 6-24. UART Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
1B00h
RBR
Receiver Buffer Register (read only)
1B00h
THR
Transmitter Holding Register (write only)
1B02h
IER
Interrupt Enable Register
1B04h
IIR
Interrupt Identification Register (read only)
1B04h
FCR
FIFO Control Register (write only)
1B06h
LCR
Line Control Register
1B08h
MCR
Modem Control Register
1B0Ah
LSR
Line Status Register
1B0Ch
MSR
Modem Status Register
1B0Eh
SCR
Scratch Register
1B10h
DLL
Divisor LSB Latch
1B12h
DLH
Divisor MSB Latch
1B18h
PWREMU_MGMT
Power and Emulation Management Register
Copyright © 2009–2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
95
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com