Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 2Page - Texas Instruments TMS320VC5505 Datasheet HTML 3Page - Texas Instruments TMS320VC5505 Datasheet HTML 4Page - Texas Instruments TMS320VC5505 Datasheet HTML 5Page - Texas Instruments TMS320VC5505 Datasheet HTML 6Page - Texas Instruments TMS320VC5505 Datasheet HTML 7Page - Texas Instruments TMS320VC5505 Datasheet HTML 8Page - Texas Instruments TMS320VC5505 Datasheet HTML 9Page - Texas Instruments TMS320VC5505 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 135 page
background image
TMS320VC5505
SPRS503B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
3
Device Overview
3.1
Device Characteristics
Table 3-1, provides an overview of the TMS320VC5505 DSP. The tables show significant features of the
VC5505 device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the
package type with pin count.
Table 3-1. Characteristics of the VC5505 Processor
HARDWARE FEATURES
VC5505
Peripherals
External Memory Interface (EMIF)
Asynchronous (8/16-bit bus width) SRAM, Flash (NOR, NAND)
Flash Cards
2 MMC/SD
Not all peripheral pins are
available at the same time
(for more detail, see the
Four DMA controllers each with four channels,
DMA
Device Configurations
for a total of 16 channels
section).
2 32-Bit General-Purpose (GP) Timers
Timers
1 Additional Configurable as a 32-Bit GP Timer and/or a
Watchdog
UART
1 (with RTS/CTS flow control)
SPI
1 with 4 chip selects
I2C
1 (Master/Slave)
I2S
4 (Two Channel, Full Duplex Communication)
USB 2.0 (Device only)
High- and Full-Speed Device
256 byte read/write buffer, max 50-MHz clock for SD cards,
MMC/SD
and signaling for DMA transfers
LCD Bridge
1 (8-bit or 16-bit asynchronous parallel bus)
ADC (Successive Approximation [SAR])
1 (10-bit, 4-input, 16-ms conversion time)
Real-Time Clock (RTC)
1 (Crystal Input, Separate Clock Domain and Power Supply)
FFT Hardware Accelerator
1 (Supports 8 to 1024-point 16-bit real and complex FFT)
Up to 26 pins (with 1 Additional General-Purpose Output (XF)
General-Purpose Input/Output Port (GPIO)
and 4 Special-Purpose Outputs for Use With SAR)
Size (Bytes)
320 KB RAM, 128KB ROM
•
64KB On-Chip Dual-Access RAM (DARAM)
On-Chip Memory
Organization
•
256 KB On-Chip Single-Access RAM (SARAM)
•
128KB On-Chip Single-Access ROM (SAROM)
JTAG ID Register
JTAG BSDL_ID
see Figure 6-40
(Value is: 0009_702F)
1.05-V Core
60 MHz
CPU Frequency
MHz
1.3-V Core
100 MHz
1.05-V Core
16.67 ns
Cycle Time
ns
1.3-V Core
10 ns
1.05 V (60 MHz)
Core (V)
Voltage
1.3 V (100 MHz)
I/O (V)
1.8 V, 2.5 V, 2.8 V, 3.3 V
Active @ Room Temp 25°C, 75% DMAC +
0.15 mW/MHz @ 1.05 V, 60 MHz
Power Characterization
25% ADD (Typical Sine Wave Data
0.22 mW/MHz @ 1.3 V, 100 MHz
Switching)
Active @ Room Temp 25°C, 75% DMAC +
0.14 mW/MHz @ 1.05 V, 60 MHz
25% NOP (Typical Sine Wave Data
0.22 mW/MHz @ 1.3 V, 100 MHz
Switching)
Active @ Room Temp 25°C, Hardware FFT
0.25 mW/MHz @ 1.05 V, 60 MHz
Accelerator 1024-pt FFT, ROM Execution
0.31 mW/MHz @ 1.3 V, 100 MHz
6
Device Overview
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com