Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 31Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 32Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 33Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 34Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 35Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 36Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 37Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 38Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 35 of 123
(2) During communication at same potential (CSI mode) (master mode, SCKp... internal clock output)
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
2.7 V
≤ VDD ≤ 5.5 V
167Note 1
500Note 1
1000Note 1
ns
2.4 V
≤ VDD ≤ 5.5 V
250Note 1
500Note 1
1000Note 1
ns
1.8 V
≤ VDD ≤ 5.5 V
−
500Note 1
1000Note 1
ns
1.6 V
≤ VDD ≤ 5.5 V
−
−
1000Note 1
ns
SCKp high-/low-level
width
tKH1,
tKL1
4.0 V
≤ VDD ≤ 5.5 V
tKCY1/2
−12
tKCY1/2
−50
tKCY1/2
−50
ns
2.7 V
≤ VDD ≤ 5.5 V
tKCY1/2
−18
tKCY1/2
−50
tKCY1/2
−50
ns
2.4 V
≤ VDD ≤ 5.5 V
tKCY1/2
−38
tKCY1/2
−50
tKCY1/2
−50
ns
1.8 V
≤ VDD ≤ 5.5 V
−
tKCY1/2
−50
tKCY1/2
−50
ns
1.6 V
≤ VDD ≤ 5.5 V
−
−
tKCY1/2
−100
ns
SIp setup time
(to SCKp
↑)Note 2
tSIK1
2.7 V
≤ VDD ≤ 5.5 V
44
110
110
ns
2.4 V
≤ VDD ≤ 5.5 V
75
110
110
ns
1.8 V
≤ VDD ≤ 5.5 V
−
110
110
ns
1.8 V
≤ VDD ≤ 5.5 V
−
−
220
ns
SIp hold time
(from SCKp
↑)Note 3
tKSI1
2.4 V
≤ VDD ≤ 5.5 V
19
19
19
ns
1.8 V
≤ VDD ≤ 5.5 V
−
19
19
ns
1.6 V
≤ VDD ≤ 5.5 V
−
−
19
ns
Delay time from
SCKp
↓ to
SOp outputNote 4
tKSO1
C = 30 pFNote 5
2.4 V
≤ VDD ≤ 5.5 V
25
25
25
ns
1.8 V
≤ VDD ≤ 5.5 V
−
25
25
ns
1.6 V
≤ VDD ≤ 5.5 V
−
−
25
ns
Notes 1.
The value must also be equal to or more than 2/fCLK for CSI00 and equal to or more than 4/fCLK for CSI10.
2.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to SCKp
↓”
when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from SCKp
↓”
when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output becomes
“from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
5.
C is the load capacitance of the SCKp and SOp output lines.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and SCKp pin
by using port input mode register g (PIMg) and port output mode register g (POMg).
Remarks 1.
p: CSI number (p = 00, 10), m: Unit number (m = 0), n: Channel number (n = 0, 2),
g: PIM and POM numbers (g = 0, 1)
2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00, 02))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com