Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 51Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 52Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 53Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 54Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 55Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 56Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 57Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 58Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 55 of 123
2.5.2 Serial interface IICA
(1) I2C standard mode (1/2)
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCLA0 clock
frequency
fSCL
Normal
mode: fCLK
≥ 1 MHz
2.7 V
≤ VDD ≤ 5.5 V
0
100
0
100
0
100
kHz
1.8 V (2.4 VNote 3)
≤
VDD
≤ 5.5 V
0
100
0
100
0
100
kHz
1.6 V
≤ VDD ≤ 5.5 V
–
–
–
–
0
100
kHz
Setup time of
restart condition
tSU:STA
2.7 V
≤ VDD ≤ 5.5 V
4.7
4.7
4.7
μs
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V
4.7
4.7
4.7
μs
1.6 V
≤ VDD ≤ 5.5 V
–
–
–
–
4.7
μs
Hold timeNote 1
tHD:STA
2.7 V
≤ VDD ≤ 5.5 V
4.0
4.0
4.0
μs
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V
4.0
4.0
4.0
μs
1.6 V
≤ VDD ≤ 5.5 V
–
–
–
–
4.0
μs
Hold time when
SCLA0 = “L”
tLOW
2.7 V
≤ VDD ≤ 5.5 V
4.7
4.7
4.7
μs
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V
4.7
4.7
4.7
μs
1.6 V
≤ VDD ≤ 5.5 V
–
–
–
–
4.7
μs
Hold time when
SCLA0 = “H”
tHIGH
2.7 V
≤ VDD ≤ 5.5 V
4.0
4.0
4.0
μs
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V
4.0
4.0
4.0
μs
1.6 V
≤ VDD ≤ 5.5 V
–
–
–
–
4.0
μs
(Notes, Caution and Remark are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com