Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 73Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 74Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 75Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 76Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 77Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 78Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 79Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 80Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 126 page
background image
RL78/L13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA =
−40 to +105°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 77 of 123
(TA =
−40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current,
lowNote 1
IOL1
Per pin for P00 to P07, P10 to P17,
P22 to P27, P30 to P35, P40 to P47,
P50 to P57, P70 to P77,
P125 to P127, P130
8.5Note 2
mA
Per pin for P60 and P61
15.0Note 2
mA
Total of P40 to P47, P130
(When duty = 70%Note 3)
4.0 V
≤ VDD ≤ 5.5 V
40.0
mA
2.7 V
≤ VDD < 4.0 V
15.0
mA
2.4 V
≤ VDD < 2.7 V
9.0
mA
Total of P00 to P07, P10 to P17,
P22 to P27, P30 to P35, P50 to P57,
P70 to P77, P125 to P127
(When duty = 70%Note 3)
4.0 V
≤ VDD ≤ 5.5 V
60.0
mA
2.7 V
≤ VDD < 4.0 V
35.0
mA
2.4 V
≤ VDD < 2.7 V
20.0
mA
Total of all pins
(When duty = 70%Note 3)
100.0
mA
IOL2
Per pin for P20 and P21
0.4Note 2
mA
Total of all pins
(When duty = 70%Note 3)
2.4 V
≤ VDD ≤ 5.5 V
0.8
mA
Notes 1
.
Value of the current at which the device operation is guaranteed even if the current flows from an output pin
to the VSS pin
2.
Do not exceed the total current value.
3.
Output current value under conditions where the duty factor
≤ 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated with the
following expression (when changing the duty factor from 70% to n%).
• Total output current of pins = (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOL = 40.0 mA
Total output current of pins = (40.0 × 0.7)/(80 × 0.01) = 35.0 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A
current higher than the absolute maximum rating must not flow into one pin.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com