Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 18Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 19Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 20Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 21Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 22Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 23Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 24Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 25Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 22 of 123
2.3.2 Supply current characteristics
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
(1/2)
Parameter Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
currentNote
1
IDD1
Operating
mode
HS (high-
speed main)
modeNote 5
fHOCO = 48 MHzNote 3,
fIH = 24 MHzNote 3
Basic
operation
VDD = 5.0 V
2.0
mA
VDD = 3.0 V
2.0
mA
Normal
operation
VDD = 5.0 V
3.8
6.5
mA
VDD = 3.0 V
3.8
6.5
mA
fHOCO = 24 MHzNote 3,
fIH = 24 MHzNote 3
Basic
operation
VDD = 5.0 V
1.7
mA
VDD = 3.0 V
1.7
mA
Normal
operation
VDD = 5.0 V
3.6
6.1
mA
VDD = 3.0 V
3.6
6.1
mA
fHOCO = 16 MHzNote 3,
fIH = 16 MHzNote 3
Normal
operation
VDD = 5.0 V
2.7
4.7
mA
VDD = 3.0 V
2.7
4.7
mA
LS (low-
speed main)
modeNote 5
fHOCO = 8 MHzNote 3 ,
fIH = 8 MHzNote 3
Normal
operation
VDD = 3.0 V
1.2
2.1
mA
VDD = 2.0 V
1.2
2.1
mA
LV (low-
voltage main)
modeNote 5
fHOCO = 4 MHzNote 3,
fIH = 4 MHzNote 3
Normal
operation
VDD = 3.0 V
1.2
1.8
mA
VDD = 2.0 V
1.2
1.8
mA
HS (high-
speed main)
modeNote 5
fMX = 20 MHzNote 2,
VDD = 5.0 V
Normal
operation
Square wave input
3.0
5.1
mA
Resonator connection
3.2
5.2
mA
fMX = 20 MHzNote 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.9
5.1
mA
Resonator connection
3.2
5.2
mA
fMX = 16 MHzNote 2,
VDD = 5.0 V
Normal
operation
Square wave input
2.5
4.4
mA
Resonator connection
2.7
4.5
mA
fMX = 16 MHzNote 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.5
4.4
mA
Resonator connection
2.7
4.5
mA
fMX = 10 MHzNote 2,
VDD = 5.0 V
Normal
operation
Square wave input
1.9
3.0
mA
Resonator connection
1.9
3.0
mA
fMX = 10 MHzNote 2,
VDD = 3.0 V
Normal
operation
Square wave input
1.9
3.0
mA
Resonator connection
1.9
3.0
mA
LS (low-
speed main)
modeNote 5
fMX = 8 MHzNote 2,
VDD = 3.0 V
Normal
operation
Square wave input
1.1
2.0
mA
Resonator connection
1.1
2.0
mA
fMX = 8 MHzNote 2,
VDD = 2.0 V
Normal
operation
Square wave input
1.1
2.0
mA
Resonator connection
1.1
2.0
mA
Subsystem
clock
operation
fSUB = 32.768 kHzNote
4
,
TA =
−40°C
Normal
operation
Square wave input
4.0
5.4
μA
Resonator connection
4.3
5.4
μA
fSUB = 32.768 kHz Note
4
,
TA = +25
°C
Normal
operation
Square wave input
4.0
5.4
μA
Resonator connection
4.3
5.4
μA
fSUB = 32.768 kHzNote
4
,
TA = +50
°C
Normal
operation
Square wave input
4.1
7.1
μA
Resonator connection
4.4
7.1
μA
fSUB = 32.768 kHzNote
4
,
TA = +70
°C
Normal
operation
Square wave input
4.3
8.7
μA
Resonator connection
4.7
8.7
μA
fSUB = 32.768 kHzNote
4
,
TA = +85
°C
Normal
operation
Square wave input
4.7
12.0
μA
Resonator connection
5.2
12.0
μA
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com