Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 22Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 23Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 24Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 25Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 26Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 27Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 28Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 29Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 26 of 123
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-speed on-
chip oscillator
operating current
IFILNote 1
0.20
μA
RTC2 operating
current
IRTCNotes 1, 2,
3
fSUB = 32.768 kHz
0.02
μA
12-bit interval
timer operating
current
ITMKANotes 1, 2,
4
0.04
μA
Watchdog timer
operating current
IWDTNotes 1, 2, 5 fIL = 15 kHz
0.22
μA
A/D converter
operating current
IADCNotes 1, 6
When conversion
at maximum speed
Normal mode, AVREFP = VDD = 5.0 V
1.3
1.7
mA
Low voltage mode, AVREFP = VDD = 3.0 V
0.5
0.7
mA
A/D converter
reference voltage
current
IADREFNote 1
75.0
μA
Temperature
sensor operating
current
ITMPSNote 1
75.0
μA
LVD operating
current
ILVDNotes 1, 7
0.08
μA
Comparator
operating current
ICMPNotes 1, 11
VDD = 5.0 V,
Regulator output
voltage = 2.1 V
Window mode
12.5
μA
Comparator high-speed mode
6.5
μA
Comparator low-speed mode
1.7
μA
VDD = 5.0 V,
Regulator output
voltage = 1.8 V
Window mode
8.0
μA
Comparator high-speed mode
4.0
μA
Comparator low-speed mode
1.3
μA
Self-
programming
operating current
IFSPNotes 1, 9
2.00
12.20
mA
BGO operating
current
IBGONotes 1, 8
2.00
12.20
mA
SNOOZE
operating current
ISNOZNote 1
ADC operation
While the mode is shiftingNote 10
0.50
0.60
mA
During A/D conversion, in low voltage
mode, AVREFP = VDD = 3.0 V
1.20
1.44
mA
CSI/UART operation
0.70
0.84
mA
LCD operating
current
ILCD1Notes 1, 12,
13
External resistance
division method
fLCD = fSUB
LCD clock =
128 Hz
1/3 bias,
four time
slices
VDD = 5.0 V,
VL4 = 5.0 V
0.04
0.20
μA
ILCD2Note 1, 12
Internal voltage
boosting method
fLCD = fSUB
LCD clock =
128 Hz
1/3 bias,
four time
slices
VDD = 3.0 V,
VL4 = 3.0 V
(VLCD = 04H)
0.85
2.20
μA
VDD = 5.0 V,
VL4 = 5.1 V
(VLCD = 12H)
1.55
3.70
μA
ILCD3Note 1, 12
Capacitor split
method
fLCD = fSUB
LCD clock =
128 Hz
1/3 bias,
four time
slices
VDD = 3.0 V,
VL4 = 3.0 V
0.20
0.50
μA
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com