Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 63Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 64Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 65Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 66Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 67Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 68Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 69Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 70Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 67 of 123
(2) 1/4 bias method
(TA =
−40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
LCD output voltage variation range
VL1
C1 to C5Note 1
= 0.47
μFNote 2
VLCD = 04H
0.90
1.00
1.08
V
VLCD = 05H
0.95
1.05
1.13
V
VLCD = 06H
1.00
1.10
1.18
V
VLCD = 07H
1.05
1.15
1.23
V
VLCD = 08H
1.10
1.20
1.28
V
VLCD = 09H
1.15
1.25
1.33
V
VLCD = 0AH
1.20
1.30
1.38
V
Doubler output voltage
VL2
C1 to C5Note 1 = 0.47
μF
2 VL1
−0.08
2 VL1
2 VL1
V
Tripler output voltage
VL3
C1 to C5Note 1 = 0.47
μF
3 VL1
−0.12
3 VL1
3 VL1
V
Quadruply output voltage
VL4
C1 to C5Note 1 = 0.47
μF
4 VL1
−0.16
4 VL1
4 VL1
V
Reference voltage setup timeNote 2
tVWAIT1
5
ms
Voltage boost wait timeNote 3
tVWAIT2
C1 to C5Note 1 = 0.47
μF
500
ms
Notes 1.
This is a capacitor that is connected between voltage pins used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL3 and GND
C5: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = C5 = 0.47
μF ± 30%
2.
This is the time required to wait from when the reference voltage is specified by using the VLCD register (or
when the internal voltage boosting method is selected (by setting the MDSET1 and MDSET0 bits of the
LCDM0 register to 01B) if the default value reference voltage is used) until voltage boosting starts (VLCON =
1).
3.
This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).
2.7.3 Capacitor split method
(1) 1/3 bias method
(TA =
−40 to +85°C, 2.2 V ≤ VD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VL4 voltage
VL4
C1 to C4 = 0.47
μFNote 2
VDD
V
VL2 voltage
VL2
C1 to C4 = 0.47
μFNote 2
2/3 VL4
−
0.1
2/3 VL4
2/3 VL4 +
0.1
V
VL1 voltage
VL1
C1 to C4 = 0.47
μFNote 2
1/3 VL4
−
0.1
1/3 VL4
1/3 VL4 +
0.1
V
Capacitor split wait timeNote 1
tVWAIT
100
ms
Notes 1.
This is the wait time from when voltage bucking is started (VLCON = 1) until display is enabled (LCDON = 1).
2.
This is a capacitor that is connected between voltage pins used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47
μF ± 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com