Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 52Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 53Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 54Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 55Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 56Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 57Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 58Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 59Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 56 of 123
(1) I2C standard mode (2/2)
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Data setup time
(reception)
tSU:DAT
2.7 V
≤ VDD ≤ 5.5 V
250
250
250
ns
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V
250
250
250
ns
1.6 V
≤ VDD ≤ 5.5 V
–
–
–
–
250
ns
Data hold time
(transmission)Note 2
tHD:DAT
2.7 V
≤ VDD ≤ 5.5 V
0
3.45
0
3.45
0
3.45
μs
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V
0
3.45
0
3.45
0
3.45
μs
1.6 V
≤ VDD ≤ 5.5 V
–
–
–
–
0
3.45
μs
Setup time of stop
condition
tSU:STO
2.7 V
≤ VDD ≤ 5.5 V
4.0
4.0
4.0
μs
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V
4.0
4.0
4.0
μs
1.6 V
≤ VDD ≤ 5.5 V
–
–
–
–
4.0
μs
Bus-free time
tBUF
2.7 V
≤ VDD ≤ 5.5 V
4.7
4.7
4.7
μs
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V
4.7
4.7
4.7
μs
1.6 V
≤ VDD ≤ 5.5 V
–
–
–
–
4.7
μs
Notes 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
2.
The maximum value (MAX.) of tHD:DAT is during normal transfer and a wait state is inserted in the ACK
(acknowledge) timing.
3.
Condition in HS (high-speed main) mode
Caution
The values in the above table are applied even when bit 2 (PIOR2) in the peripheral I/O redirection
register (PIOR) is 1. At this time, the pin characteristics (IOH1, IOL1, VOH1, VOL1) must satisfy the values in
the redirect destination.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line pull-up
resistor) at that time in each mode are as follows.
Standard mode: Cb = 400 pF, Rb = 2.7 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com