Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 34Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 35Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 36Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 37Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 38Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 39Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 40Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 41Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 38 of 123
(4) During communication at same potential (simplified I2C mode)
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCLr clock
frequency
fSCL
2.7 V
≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 k
Ω
1000Note
1
400Note 1
400Note 1
kHz
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
400Note 1
400Note 1
400Note 1
kHz
1.8 V (2.4 VNote 3)
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
300Note 1
300Note 1
300Note 1
kHz
1.6 V
≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
−
–
250Note 1
kHz
Hold time when
SCLr = “L”
tLOW
2.7 V
≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 k
Ω
475
1150
1150
ns
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1150
1150
1150
ns
1.8 V (2.4 VNote 3)
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
1550
1550
1550
ns
1.6 V
≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
–
–
1850
ns
Hold time when
SCLr = “H”
tHIGH
2.7 V
≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 k
Ω
475
1150
1150
ns
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1150
1150
1150
ns
1.8 V (2.4 VNote 3)
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
1550
1550
1550
ns
1.6 V
≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
–
–
1850
ns
Data setup time
(reception)
tSU:DAT
2.7 V
≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 k
Ω
1/fMCK+
85Note 2
1/fMCK+
145Note 2
1/fMCK+
145Note 2
ns
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1/fMCK+
145Note 2
1/fMCK+
145Note 2
1/fMCK+
145Note 2
ns
1.8 V (2.4 VNote 3)
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
1/fMCK+
230Note 2
1/fMCK+
230Note 2
1/fMCK+
230Note 2
ns
1.6 V
≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
–
–
1/fMCK+
290Note 2
ns
Data hold time
(transmission)
tHD:DAT
2.7 V
≤ VDD ≤ 5.5 V,
Cb = 50 pF, Rb = 2.7 k
Ω
0
305
0
305
0
305
ns
1.8 V (2.4 VNote 3)
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
0
355
0
355
0
355
ns
1.8 V (2.4 VNote 3)
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
0
405
0
405
0
405
ns
1.6 V
≤ VDD < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
–
–
–
–
0
405
ns
(Notes, Caution, and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com