Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F10WMDA Datasheet HTML 1Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 2Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 3Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 4Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 5Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 6Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 7Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 8Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
Datasheet
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 1 of 123
R01DS0168EJ0210
Rev.2.10
Aug 12, 2016
RL78/L13
RENESAS MCU
Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 μA/MHz, and 0.61 μA for RTC + LVD),
1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
1. OUTLINE
1.1 Features
Ultra-low power consumption technology
• VDD = single power supply voltage of 1.6 to 5.5 V which can
operate a 1.8 V device at a low voltage
• HALT mode
• STOP mode
• SNOOZE mode
RL78 CPU core
• CISC architecture with 3-stage pipeline
• Minimum instruction execution time: Can be changed from high
speed (0.04167 µs: @ 24 MHz operation with high-speed on-
chip oscillator) to ultra-low speed (30.5 µs: @ 32.768 kHz
operation with subsystem clock)
• Address space: 1 MB
• General-purpose registers: (8-bit register × 8) × 4 banks
• On-chip RAM: 1 to 8 KB
Code flash memory
• Code flash memory: 16 to 128 KB
• Block size: 1 KB
• Prohibition of block erase and rewriting (security function)
• On-chip debug function
• Self-programming (with boot swap function/flash shield window
function)
Data flash memory
• Data flash memory: 4 KB
• Back ground operation (BGO): Instructions can be executed
from the program memory while rewriting the data flash memory.
• Number of rewrites: 1,000,000 times (TYP.)
• Voltage of rewrites: VDD = 1.8 to 5.5 V
High-speed on-chip oscillator
• Select from 48 MHz, 24 MHz, 16 MHz, 12 MHz, 8 MHz, 6 MHz,
4 MHz, 3 MHz, 2 MHz, and 1 MHz
• High accuracy: +/-1.0 % (VDD = 1.8 to 5.5 V, TA = -20 to +85°C)
Operating ambient temperature
• TA = -40 to +85°C (A: Consumer applications)
• TA = -40 to +105°C (G: Industrial applications)
Power management and reset function
• On-chip power-on-reset (POR) circuit
• On-chip voltage detector (LVD) (Select interrupt and reset from
14 levels)
DMA (Direct Memory Access) controller
• 4 channels
• Number of clocks during transfer between 8/16-bit SFR and
internal RAM: 2 clocks
Multiplier and divider/multiply-accumulator
• 16 bits × 16 bits = 32 bits (Unsigned or signed)
• 32 bits ÷ 32 bits = 32 bits (Unsigned)
• 16 bits × 16 bits + 32 bits = 32 bits (Unsigned or signed)
Serial interface
• CSI: 2 channels
• UART/UART (LIN-bus supported): 3, 4 channels/1 channel
• I2C/Simplified I2C communication: 1 channel/2 channels
Timer
• 16-bit timer: 8 channels (with remote control output function)
• 16-bit timer KB20 (IH): 1 channel
(IH-only PWM output function)
• 12-bit interval timer: 1 channel
• Real-time clock 2: 1 channel (calendar for 99 years, alarm
function, and clock correction function)
• Watchdog timer: 1 channel (operable with the dedicated low-
speed on- chip oscillator)
A/D converter
• 8/10-bit resolution A/D converter (VDD = 1.6 to 5.5 V)
• Analog input: 9 to 12 channels
• Internal reference voltage (1.45 V) and temperature sensorNote 1
Comparator
• 2 channels
• Operation mode: Comparator high-speed mode, comparator
low-speed mode, or window mode
• External reference voltage and internal reference voltage are
selectable
LCD controller/driver
• Segment signal output: 36 (32)Note 2 to 51 (47)Note 2
• Common signal output: 4 (8)Note 2
• Internal voltage boosting method, capacitor split method, and
external resistance division method are switchable
I/O port
• I/O port: 49 to 65 (N-ch open drain I/O [withstand voltage of 6
V]: 2, N-ch open drain I/O [VDD withstand voltage]: 12 to 18)
• Can be set to N-ch open drain, TTL input buffer, and on-chip
pull-up resistor
• Different potential interface: Can connect to a 1.8/2.5/3 V
device
• On-chip key interrupt function
• On-chip clock output/buzzer output controller
Others
• On-chip BCD (binary-coded decimal) correction circuit
Notes 1. Can be selected only in HS (high-speed main) mode
2. The values in parentheses are the number of signal
outputs when 8 com is used.
Remark The functions mounted depend on the product. See
1.6 Outline of Functions.
* There are differences in specifications between every product.
Please refer to specification for details.
<R>


Similar Part No. - R5F10WMDA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10WMD RENESAS-R5F10WMD Datasheet
153Kb / 17P
PG-FP5
More results

Similar Description - R5F10WMDA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
Technology for Ultra-low Power Consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
Ultra low power consumption
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
Ultra low power consumption
logo
Renesas Technology Corp
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
Ultra-low power consumption technology
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
Ultra-low power consumption technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com