Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 11Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 12Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 13Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 14Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 15Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 16Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 17Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 18Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 15 of 123
Absolute Maximum Ratings (3/3)
Parameter
Symbol
Conditions
Ratings
Unit
Output current, high
IOH1
Per pin
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P40 to P47,
P50 to P57, P60, P61,
P70 to P77, P125 to P127, P130
−40
mA
Total of all pins
−170 mA
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P40 to P47,
P50 to P57, P60, P61,
P70 to P77, P125 to P127, P130
−170
mA
IOH2
Per pin
P20, P21
−0.5
mA
Total of all pins
−1
mA
Output current, low
IOL1
Per pin
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P40 to P47,
P50 to P57, P60, P61,
P70 to P77, P125 to P127, P130
40
mA
Total of all pins
170 mA
P40 to P47, P130
70
mA
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P50 to P57,
P60, P61, P70 to P77,
P125 to P127
100
mA
IOL2
Per pin
P20, P21
1
mA
Total of all pins
2
mA
Operating ambient
temperature
TA
In normal operation mode
−40 to +85
°C
In flash memory programming mode
Storage temperature
Tstg
−65 to +150
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
<R>
<R>
<R>
<R>
<R>
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com