Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 32Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 33Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 34Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 35Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 36Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 37Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 38Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 39Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 36 of 123
(3) During communication at same potential (CSI mode) (slave mode, SCKp... external clock input)
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle
timeNote 5
tKCY2
4.0 V
≤ VDD ≤ 5.5 V fMCK > 20 MHz
8/fMCK
−
−
ns
fMCK
≤ 20 MHz
6/fMCK
6/fMCK
6/fMCK
ns
2.7 V
≤ VDD ≤ 5.5 V fMCK > 16 MHz
8/fMCK
−
−
ns
fMCK
≤ 16 MHz
6/fMCK
6/fMCK
6/fMCK
ns
2.4 V
≤ VDD ≤ 5.5 V
6/fMCK
and 500
6/fMCK
6/fMCK
ns
1.8 V
≤ VDD ≤ 5.5 V
−
6/fMCK
6/fMCK
ns
1.6 V
≤ VDD ≤ 5.5 V
−
−
6/fMCK
ns
SCKp high-/low-
level width
tKH2,
tKL2
4.0 V
≤ VDD ≤ 5.5 V
tKCY2/2
−7
tKCY2/2
−7
tKCY2/2
−7
ns
2.7 V
≤ VDD ≤ 5.5 V
tKCY2/2
−8
tKCY2/2
−8
tKCY2/2
−8
ns
2.4 V
≤ VDD ≤ 5.5 V
tKCY2/2
−18
tKCY2/2
−18
tKCY2/2
−18
ns
1.8 V
≤ VDD ≤ 5.5 V
−
tKCY2/2
−18
tKCY2/2
−18
ns
1.6 V
≤ VDD ≤ 5.5 V
−
−
tKCY2/2
−66
ns
SIp setup time
(to SCKp
↑)Note 1
tSIK2
2.7 V
≤ VDD ≤ 5.5 V
1/fMCK+20
1/fMCK+30
1/fMCK+30
ns
2.4 V
≤ VDD ≤ 5.5 V
1/fMCK+30
1/fMCK+30
1/fMCK+30
ns
1.8 V
≤ VDD ≤ 5.5 V
−
1/fMCK+30
1/fMCK+30
ns
1.6 V
≤ VDD ≤ 5.5 V
−
−
1/fMCK+40
ns
SIp hold time
(from
SCKp
↑)Note 2
tKSI2
2.4 V
≤ VDD ≤ 5.5 V
1/fMCK+31
1/fMCK+31
1/fMCK+31
ns
1.8 V
≤ VDD ≤ 5.5 V
−
1/fMCK+31
1/fMCK+31
ns
1.6 V
≤ VDD ≤ 5.5 V
−
−
1/fMCK+250
ns
Delay time from
SCKp
↓ to SOp
outputNote 3
tKSO2
C = 30 pFNote 4
2.7 V
≤ VDD ≤ 5.5 V
2/fMCK+44
2/fMCK+110
2/fMCK+110 ns
2.4 V
≤ VDD ≤ 5.5 V
2/fMCK+75
2/fMCK+110
2/fMCK+110 ns
1.8 V
≤ VDD ≤ 5.5 V
−
2/fMCK+110
2/fMCK+110 ns
1.6 V
≤ VDD ≤ 5.5 V
−
−
2/fMCK+220 ns
Notes 1.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to SCKp
↓”
when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
2.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from SCKp
↓”
when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output becomes
“from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4.
C is the load capacitance of the SOp output lines.
5.
Transfer rate in SNOOZE mode: MAX. 1 Mbps
Caution
Select the normal input buffer for the SIp pin and SCKp pin and the normal output mode for the SOp pin
by using port input mode register g (PIMg) and port output mode register g (POMg).
Remarks 1.
p: CSI number (p = 00, 10), m: Unit number (m = 0), n: Channel number (n = 0, 2),
g: PIM number (g = 0, 1)
2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00, 02))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com