Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 23Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 24Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 25Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 26Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 27Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 28Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 29Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 30Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 27 of 123
Notes 1.
Current flowing to VDD.
2.
When high speed on-chip oscillator and high-speed system clock are stopped.
3.
Current flowing only to the real-time clock 2 (excluding the operating current of the low-speed on-chip oscillator
and the XT1 oscillator). The value of the current for the RL78 microcontrollers is the sum of the values of either
IDD1 or IDD2, and IRTC, when the real-time clock 2 operates in operation mode or HALT mode. When the low-
speed on-chip oscillator is selected, IFIL should be added.
IDD2 subsystem clock operation includes the
operational current of real-time clock 2.
4.
Current flowing only to the 12-bit interval timer (excluding the operating current of the low-speed on-chip
oscillator and the XT1 oscillator). The value of the current for the RL78 microcontrollers is the sum of the
values of either IDD1 or IDD2, and ITMKA, when the 12-bit interval timer operates in operation mode or HALT mode.
When the low-speed on-chip oscillator is selected, IFIL should be added.
5.
Current flowing only to the watchdog timer (including the operating current of the low-speed on-chip oscillator).
The current value of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and IWDT when the watchdog timer
operates.
6.
Current flowing only to the A/D converter. The current value of the RL78 microcontrollers is the sum of IDD1 or
IDD2 and IADC when the A/D converter operates in an operation mode or the HALT mode.
7.
Current flowing only to the LVD circuit. The current value of the RL78 microcontrollers is the sum of IDD1, IDD2 or
IDD3 and ILVD when the LVD circuit operates.
8.
Current flowing only during data flash rewrite.
9.
Current flowing only during self programming.
10. For shift time to the SNOOZE mode, see 21.3.3 SNOOZE mode in the RL78/L13 User’s Manual.
.
11.
Current flowing only to the comparator circuit. The current value of the RL78 microcontrollers is the sum of
IDD1, IDD2 or IDD3 and ICMP when the comparator circuit operates.
12.
Current flowing only to the LCD controller/driver. The value of the current for the RL78 microcontrollers is the
sum of the supply current (IDD1 or IDD2) and LCD operating current (ILCD1, ILCD2, or ILCD3), when the LCD
controller/driver operates in operation mode or HALT mode. However, not including the current flowing into
the LCD panel. Conditions of the TYP. value and MAX. value are as follows.
• Setting 20 pins as the segment function and blinking all
• Selecting fSUB for system clock when LCD clock = 128 Hz (LCDC0 = 07H)
• Setting four time slices and 1/3 bias
13.
Not including the current flowing into the external division resistor when using the external resistance division
method.
Remarks 1.
fIL:
Low-speed on-chip oscillator clock frequency
2.
fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
3.
fCLK: CPU/peripheral hardware clock frequency
4.
The temperature condition for the TYP. value is TA = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com