Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 16Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 17Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 18Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 19Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 20Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 21Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 22Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 23Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 20 of 123
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage,
high
VOH1
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P40 to P47, P50 to P57,
P70 to P77, P125 to P127, P130
4.0 V
≤ VDD ≤ 5.5 V,
IOH1 =
−10.0 mA
VDD
− 1.5
V
4.0 V
≤ VDD ≤ 5.5 V,
IOH1 =
−3.0 mA
VDD
− 0.7
V
2.7 V
≤ VDD ≤ 5.5 V,
IOH1 =
−2.0 mA
VDD
− 0.6
V
1.8 V
≤ VDD ≤ 5.5 V,
IOH1 =
−1.5 mA
VDD
− 0.5
V
1.6 V
≤ VDD ≤ 5.5 V,
IOH1 =
−1.0 mA
VDD
− 0.5
V
VOH2
P20 and P21
1.6 V
≤ VDD ≤ 5.5 V,
IOH2 =
−100
μ A
VDD
− 0.5
V
Output voltage,
low
VOL1
P00 to P07, P10 to P17, P22 to P27,
P30 to P35, P40 to P47, P50 to P57,
P70 to P77, P125 to P127, P130
4.0 V
≤ VDD ≤ 5.5 V,
IOL1 = 20 mA
1.3
V
4.0 V
≤ VDD ≤ 5.5 V,
IOL1 = 8.5 mA
0.7
V
2.7 V
≤ VDD ≤ 5.5 V,
IOL1 = 3.0 mA
0.6
V
2.7 V
≤ VDD ≤ 5.5 V,
IOL1 = 1.5 mA
0.4
V
1.8 V
≤ VDD ≤ 5.5 V,
IOL1 = 0.6 mA
0.4
V
1.6 V
≤ VDD < 1.8 V,
IOL1 = 0.3 mA
0.4
V
VOL2
P20 and P21
1.6 V
≤ VDD ≤ 5.5 V,
IOL2 = 400
μA
0.4
V
VOL3
P60 and P61
4.0 V
≤ VDD ≤ 5.5 V,
IOL3 = 15.0 mA
2.0
V
4.0 V
≤ VDD ≤ 5.5 V,
IOL3 = 5.0 mA
0.4
V
2.7 V
≤ VDD ≤ 5.5 V,
IOL3 = 3.0 mA
0.4
V
1.8 V
≤ VDD ≤ 5.5 V,
IOL3 = 2.0 mA
0.4
V
1.6 V
≤ VDD < 1.8 V,
IOL3 = 1.0 mA
0.4
V
Caution
P00, P04 to P07, P16, P17, P35, P42 to P44, P46, P47, P53 to P56, and P130 do not output high level in
N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com