Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 20Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 21Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 22Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 23Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 24Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 25Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 26Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 27Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 24 of 123
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
currentNote 1
IDD2Note 2
HALT
mode
HS (high-speed
main) modeNote
7
fHOCO = 48 MHzNote 4,
fIH = 24 MHzNote 4
VDD = 5.0 V
0.71
1.95
mA
VDD = 3.0 V
0.71
1.95
fHOCO = 24 MHzNote 4,
fIH = 24 MHzNote 4
VDD = 5.0 V
0.49
1.64
mA
VDD = 3.0 V
0.49
1.64
fHOCO = 16 MHzNote 4,
fIH = 16 MHzNote 4
VDD = 5.0 V
0.43
1.11
mA
VDD = 3.0 V
0.43
1.11
LS (low-speed
main) modeNote
7
fHOCO = 8 MHz Note 4,
fIH = 8 MHz Note 4
VDD = 3.0 V
280
770
μA
VDD = 2.0 V
280
770
LV (low-voltage
main) modeNote 7
fHOCO = 4 MHzNote 4,
fIH = 4 MHzNote 4
VDD = 3.0 V
430
700
μA
VDD = 2.0 V
430
700
HS (high-speed
main) modeNote
7
fMX = 20 MHzNote 3,
VDD = 5.0 V
Square wave input
0.31
1.42
mA
Resonator connection
0.48
1.42
fMX = 20 MHzNote 3,
VDD = 3.0 V
Square wave input
0.29
1.42
mA
Resonator connection
0.48
1.42
fMX = 16 MHzNote 3,
VDD = 5.0 V
Square wave input
0.26
0.86
mA
Resonator connection
0.45
1.15
fMX = 16 MHzNote 3,
VDD = 3.0 V
Square wave input
0.25
0.86
mA
Resonator connection
0.44
1.15
fMX = 10 MHzNote 3,
VDD = 5.0 V
Square wave input
0.20
0.63
mA
Resonator connection
0.28
0.71
fMX = 10 MHzNote 3,
VDD = 3.0 V
Square wave input
0.19
0.63
mA
Resonator connection
0.28
0.71
LS (low-speed
main) modeNote 7
fMX = 8 MHzNote 3,
VDD = 3.0 V
Square wave input
100
560
μA
Resonator connection
160
560
fMX = 8 MHzNote 3,
VDD = 2.0 V
Square wave input
100
560
μA
Resonator connection
160
560
Subsystem
clock operation
fSUB = 32.768 kHzNote 5,
TA =
−40°C
Square wave input
0.34
0.62
μA
Resonator connection
0.51
0.80
fSUB = 32.768 kHzNote 5,
TA = +25
°C
Square wave input
0.38
0.62
μA
Resonator connection
0.57
0.80
fSUB = 32.768 kHzNote 5,
TA = +50
°C
Square wave input
0.46
2.30
μA
Resonator connection
0.67
2.49
fSUB = 32.768 kHzNote 5,
TA = +70
°C
Square wave input
0.65
4.03
μA
Resonator connection
0.91
4.22
fSUB = 32.768 kHzNote 5,
TA = +85
°C
Square wave input
1.00
8.04
μA
Resonator connection
1.31
8.23
IDD3Note 6
STOP
modeNote 8
TA =
−40°C
0.18
0.52
μA
TA = +25
°C
0.24
0.52
TA = +50
°C
0.33
2.21
TA = +70
°C
0.53
3.94
TA = +85
°C
0.93
7.95
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com