Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMDA Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # R5F10WMDA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMDA Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button R5F10WMDA Datasheet HTML 118Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 119Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 120Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 121Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 122Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 123Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 124Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 125Page - Renesas Technology Corp R5F10WMDA Datasheet HTML 126Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
C - 1
Revision History
RL78/L13 Data Sheet
Rev.
Date
Description
Page
Summary
0.01
Apr 13, 2012
-
First Edition issued
0.02
Oct 31, 2012
-
Change of the number of segment pins
• 64-pin products: 36 pins
• 80-pin products: 51 pins
2.10
Aug 12, 2016
1
Modification of features of 16-bit timer and 16-bit timer KB20 (IH) in 1.1 Features
5
Addition of product name (RL78/L13) and description (Top View) in 1.3.1 64-pin
products
6
Addition of product name (RL78/L13) and description (Top View) in 1.3.2 80-pin
products
10
Modification of functional overview of main system clock in 1.6 Outline of Functions
15
Modification of description in Absolute Maximum Ratings (3/3)
17, 18
Modification of description in 2.3.1 Pin characteristics
38
Modification of remark 3 in 2.5.1 (4) During communication at same potential
(simplified I
2C mode)
68
Modification of the title and note, and addition of caution in 2.8 RAM Data Retention
Characteristics
70
Addition of Remark
74
Modification of description in Absolute Maximum Ratings (TA = 25
°C) (3/3)
76
Modification of description in 3.3.1 Pin characteristics
95
Modification of remark 3 in 3.5.1 (4) During communication at same potential
(simplified I
2C mode)
118
Modification of the title and note, and addition of caution in 3.8 RAM Data Retention
Characteristics
All trademarks and registered trademarks are the property of their respective owners.
SuperFlash is a registered trademark of Silicon Storage Technology, Inc. in several countries including the United
States and Japan.
Caution: This product uses SuperFlash® technology licensed from Silicon Storage Technology, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com