Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 128 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 128 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 124Page - Texas Instruments TMS320C80GF Datasheet HTML 125Page - Texas Instruments TMS320C80GF Datasheet HTML 126Page - Texas Instruments TMS320C80GF Datasheet HTML 127Page - Texas Instruments TMS320C80GF Datasheet HTML 128Page - Texas Instruments TMS320C80GF Datasheet HTML 129Page - Texas Instruments TMS320C80GF Datasheet HTML 130Page - Texas Instruments TMS320C80GF Datasheet HTML 131Page - Texas Instruments TMS320C80GF Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
125
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SDRAM write cycles (continued)
DCAB
Command
DDIN
DBEN
D[63:0]
W
TRG / CAS
DSF
CAS / DQM[7:0]
RAS
A[31:0]
RL
STATUS[5:0]
RETRY
READY
FAULT
UTIME
PS[3:0]
BS[1:0]
AS[2:0]
CT[2:0]
CLKOUT
State
WRT
D
DCAB
r1
r2
r3
r5
r6
col
col
col
col
col
r1
c1
Col Pipe
2, 3
Col A
Col B
Col C
Col D
WRT
ACTV
(Col B)
Col A
Col C
(Col D)
C
B
A
Idle
col
AB
CD
rspin
Cycle Type
Row
A, B
C, D
PAC
PAC
c1
c1
c1
Figure 101. SDRAM Burst-Length 2 Write-Cycle Timing
special register set cycles
Special register set (SRS) cycles are used to program control registers within an SVRAM or SGRAM. The ’C80
only supports programming of the color register for use with block writes. The cycle is similar to a single burst
length 1 write cycle but DSF is driven high. The values output on the ’C80 address bits cause the color register
to be selected as shown in Figure 102 (see Figure 103).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com