Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C80GF Datasheet(PDF) 131 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 127Page - Texas Instruments TMS320C80GF Datasheet HTML 128Page - Texas Instruments TMS320C80GF Datasheet HTML 129Page - Texas Instruments TMS320C80GF Datasheet HTML 130Page - Texas Instruments TMS320C80GF Datasheet HTML 131Page - Texas Instruments TMS320C80GF Datasheet HTML 132Page - Texas Instruments TMS320C80GF Datasheet HTML 133Page - Texas Instruments TMS320C80GF Datasheet HTML 134Page - Texas Instruments TMS320C80GF Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
128
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SDRAM block-write cycles (continued)
c1
c1
DCAB
Command
DDIN
DBEN
D[63:0]
W
TRG / CAS
DSF
CAS / DQM[7:0]
RAS
A[31:0]
RL
STATUS[5:0]
RETRY
READY
FAULT
UTIME
PS[3:0]
BS[1:0]
AS[2:0]
CT[2:0]
CLKOUT
State
BLKW
DCAB
r1
r2
r3
r5
r6
col
col
col
col
col
r1
Col Pipe
2, 3
ColA
ColB
BLKW
ACTV
Col A
Col B
Sel B
Sel A
Idle
col
rspin
Cycle Type
Row
A
B
PAC
PAC
A
B
Figure 105. SDRAM Burst-Length 2 Block-Write Cycle Timing
SVRAM transfer cycles
The SVRAM read- and write-transfer cycles transfer data between the SVRAM memory-array and the serial
register (SAM). The TMS320C80 supports both normal and split transfers for SVRAMs. Read-and split-read
transfers resemble a standard read cycle. Write-and split-write transfers resemble a standard write cycle.
Because the ’C80’s TRG output is used as CAS, external logic must generate a TRG signal (by decoding
STATUS) to enable the SVRAM transfer cycle. The value output on A[31:0] at column time represents the SAM
tap point (see Figure 106 through Figure 113).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com