Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 110 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 110 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 106Page - Numonyx B.V M58WT032KB Datasheet HTML 107Page - Numonyx B.V M58WT032KB Datasheet HTML 108Page - Numonyx B.V M58WT032KB Datasheet HTML 109Page - Numonyx B.V M58WT032KB Datasheet HTML 110Page - Numonyx B.V M58WT032KB Datasheet HTML 111Page - Numonyx B.V M58WT032KB Datasheet HTML 112Page - Numonyx B.V M58WT032KB Datasheet HTML 113Page - Numonyx B.V M58WT032KB Datasheet HTML 114Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 117 page
background image
Flowcharts and pseudo codes
M58WTxxxKT, M58WTxxxKB
110/117
16.2
Quadruple enhanced factory program pseudo code
quad_efp_command(addressFlow,dataFlow,n)
/* n is the number of pages to be programmed.*/
{
/* Setup phase */
writeToFlash(addressFlow[0],0x75);
for (i=0; i++; i< n){
/*Data Load Phase*/
/*First Data*/
writeToFlash(addressFlow[i],dataFlow[i,0]);
/*at the first data of the first page, Quad-EFP may be aborted*/
if (First_Page) {
status_register=readFlash(any_address);
if (status_register.SR7==1){
/*EFP aborted for an error*/
if (status_register.SR4==1) /*program error*/
error_handler();
if (status_register.SR3==1) /*VPP invalid error*/
error_handler();
if (status_register.SR1==1) /*program to protect block
error*/
error_handler();
}
}
/*2nd data*/
writeToFlash(addressFlow[i],dataFlow[i,1]);
/*3rd data*/
writeToFlash(addressFlow[i],dataFlow[i,2]);
/*4th data*/
writeToFlash(addressFlow[i],dataFlow[i,3]);
/* Program&Verify Phase */
do{
status_register=readFlash(any_address);
/* E or G must be toggled*/
}while (status_register.SR0==1)
}
/* Exit Phase */
writeToFlash(another_block_address,FFFFh);
/* status register polling */
do{
status_register=readFlash(any_address);
/* E or G must be toggled */
} while (status_register.SR7==0);
if (status_register.SR1==1) /*program to protected block error*/
error_handler();
if (status_register.SR3==1) /*VPP invalid error*/
error_handler();
if (status_register.SR4==1) /*program failure error*/
error_handler();
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com