Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 113 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 113 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 109Page - Numonyx B.V M58WT032KB Datasheet HTML 110Page - Numonyx B.V M58WT032KB Datasheet HTML 111Page - Numonyx B.V M58WT032KB Datasheet HTML 112Page - Numonyx B.V M58WT032KB Datasheet HTML 113Page - Numonyx B.V M58WT032KB Datasheet HTML 114Page - Numonyx B.V M58WT032KB Datasheet HTML 115Page - Numonyx B.V M58WT032KB Datasheet HTML 116Page - Numonyx B.V M58WT032KB Datasheet HTML 117Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 113 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Command interface state tables
113/117
Table 45.
Command interface states - modify table, next output(1)
Current CI State
Command Input(2)
Read
Array(3)
(FFh)
DWP, QWP
Setup(4)(5)
(35h, 56h)
Block
Erase
Setup(4)(5)
(20h)
EFP
Setup
(30h)
Quad-
EFP
Setup
(75h)
Erase Confirm
P/E Resume,
Block Unlock
confirm, EFP
Confirm (D0h)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear Status
Register(6)
(50h)
Read Electronic
signature, Read
CFI Query (90h,
98h)
Program Setup
Status Register
Erase Setup
OTP Setup
Program Setup in
Erase Suspend
EFP Setup
EFP Busy
EFP Verify
Quad EFP Setup
Quad EFP Busy
Lock/CR Setup
Lock/CR Setup in
Erase Suspend
OTP Busy
Array
Status Register
Output Unchanged
Status
Register
Output
Unchanged
Status Register
Ready
Electronic
Signature/CFI
Program Busy
Erase Busy
Program/Erase
Suspend
Program Busy in
Erase Suspend
Program Suspend
in Erase Suspend
Illegal State
Output Unchanged
1.
CI = Command Interface, CR = Configuration Register, EFP = Enhanced Factory Program, Quad EFP = Quadruple
Enhanced Factory Program, DWP = Double Word Program, QWP = Quadruple Word Program, P/E. C. = Program/Erase
Controller, IS = Illegal State, ES = Erase suspend, PS = Program suspend.
2.
The output state shows the type of data that appears at the outputs if the bank address is the same as the command
address. A bank can be placed in read array, Read Status Register, Read Electronic Signature or Read CFI Query mode,
depending on the command issued. Each bank remains in its last output state until a new command is issued. The next
state does not depend on the bank’s output state.
3.
At Power-Up, all banks are in read array mode. A Read Array command issued to a busy bank, results in undetermined
data output.
4.
The two cycle command should be issued to the same bank address.
5.
If the P/EC is active, both cycles are ignored.
6.
The Clear Status Register command clears the Status Register error bits except when the P/EC is busy or suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com