Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 114 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 114 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 109Page - Numonyx B.V M58WT032KB Datasheet HTML 110Page - Numonyx B.V M58WT032KB Datasheet HTML 111Page - Numonyx B.V M58WT032KB Datasheet HTML 112Page - Numonyx B.V M58WT032KB Datasheet HTML 113Page - Numonyx B.V M58WT032KB Datasheet HTML 114Page - Numonyx B.V M58WT032KB Datasheet HTML 115Page - Numonyx B.V M58WT032KB Datasheet HTML 116Page - Numonyx B.V M58WT032KB Datasheet HTML 117Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 114 / 117 page
background image
Command interface state tables
M58WTxxxKT, M58WTxxxKB
114/117
Table 46.
Command interface states - Lock table, next state(1)
Current CI State
Command Input
Lock/CR
Setup(2)
(60h)
OTP
Setup(2)
(C0h)
Block Lock
Confirm
(01h)
Block Lock-
Down
Confirm (2Fh)
Set CR
Confirm
(03h)
EFP Exit,
Quad EFP
Exit(3)
Illegal
Command(4)
P/E. C.
Operation
Completed
Ready
Lock/CR Setup
OTP Setup
Ready
N/A
Lock/CR Setup
Ready (Lock error)
Ready
Ready (Lock error)
N/A
OTP
Setup
OTP Busy
Busy
IS in OTP busy
OTP Busy
Ready
IS in OTP busy
OTP Busy
IS Ready
Program
Setup
Program Busy
N/A
Busy
IS in Program busy
Program Busy
Ready
IS in Program
busy
Program busy
IS Ready
Suspend
IS in PS
Program Suspend
N/A
IS in PS
Program Suspend
N/A
Erase
Setup
Ready (error)
N/A
Busy
IS in Erase Busy
Erase Busy
Ready
IS in Erase Busy
Erase Busy
IS Ready
Suspend
Lock/CR Setup
in ES
IS in Erase
Suspend
Erase Suspend
N/A
IS in ES
Erase Suspend
N/A
Program
in Erase
Suspend
Setup
Program Busy in Erase Suspend
Busy
IS in Program busy in ES
Program Busy in Erase Suspend
ES
IS in Program
busy in ES
Program busy in ES
IS in ES
Suspend
IS in PS in ES
Program Suspend in Erase Suspend
N/A
IS in PS in ES
Program Suspend in Erase Suspend
Lock/CR Setup in ES
Erase Suspend (Lock error)
Erase Suspend
Erase Suspend (Lock error)
N/A
EFP
Setup
Ready (error)
N/A
Busy
EFP Busy(5)
EFP Verify
EFP Busy(5)
N/A
Verify
EFP Verify(5)
Ready
EFP Verify(5)
Ready
QuadEFP
Setup
Quad EFP Busy(5)
N/A
Busy
Quad EFP Busy(5)
Ready
Quad EFP
Busy(4)
Ready
1.
CI = Command Interface, CR = Configuration Register, EFP = Enhanced Factory Program, Quad EFP = Quadruple
Enhanced Factory Program, P/E. C. = Program/Erase Controller, IS = Illegal state, ES = Erase suspend, PS = Program
suspend.
2.
If the P/EC is active, both cycles are ignored.
3.
EFP and Quad EFP exit when Block Address is different from first Block Address and data is FFFFh.
4.
Illegal commands are those not defined in the command set.
5.
EFP and Quad EFP are allowed only when Status Register bit SR0 is set to ‘0’. EFP and Quad EFP are busy if Block
Address is first EFP Address. Any other commands are treated as data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com