Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 111 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 111 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 107Page - Numonyx B.V M58WT032KB Datasheet HTML 108Page - Numonyx B.V M58WT032KB Datasheet HTML 109Page - Numonyx B.V M58WT032KB Datasheet HTML 110Page - Numonyx B.V M58WT032KB Datasheet HTML 111Page - Numonyx B.V M58WT032KB Datasheet HTML 112Page - Numonyx B.V M58WT032KB Datasheet HTML 113Page - Numonyx B.V M58WT032KB Datasheet HTML 114Page - Numonyx B.V M58WT032KB Datasheet HTML 115Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Command interface state tables
111/117
Appendix D
Command interface state tables
Table 44.
Command interface states - modify table, next state(1)
Current CI State
Command Input
Read
Array(2)
(FFh)
WP
setup(3)(4)
(10/40h)
DWP,
QWP
Setup(3)(4)
(35h, 56h)
Block
Erase
Setup(3)(4)
(20h)
EFP
Setup
(30h)
Quad-EFP
Setup
(75h)
Erase
Confirm, P/E
Resume,
Block Unlock
confirm, EFP
Confirm
(D0h)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
Status
Register
(5)
(50h)
Read
Electronic
signature,
Read CFI
Query
(90h, 98h)
Ready
Ready
Program
Setup
Program
Setup
Erase
Setup
EFP
Setup
Quad-EFP
Setup
Ready
Lock/CR Setup
Ready (Lock Error)
Ready
Ready (Lock Error)
OTP
Setup
OTP Busy
Busy
OTP Busy
IS in OTP busy
OTP Busy
IS in OTP
busy
OTP busy
Program
Setup
Program Busy
Busy
Program
busy
IS in Program busy
Program busy
PS
Program busy
IS in Program
busy
Program Busy
Suspend
PS
IS in Program Suspend
Program Busy
Program Suspend
IS in PS
Program suspend
Erase
Setup
Ready (error)
Erase Busy
Ready (error)
Busy
Erase
Busy
IS in Erase busy
Erase Busy
ES
Erase Busy
IS in Erase
busy
Erase busy
Suspend
ES
Program
in ES
IS in Erase Suspend
Erase Busy
Erase Suspend
IS in ES
Erase Suspend
Program
in ES
Setup
Program Busy in Erase Suspend
Busy
Program
Busy in ES
IS in Program Busy in Erase Suspend
Program Busy
in ES
PS in ES
Program Busy in Erase
Suspend
IS in Program
busy in ES
Program Busy in Erase Suspend
Suspend
PS in ES
IS in Program suspend in ES
Program Busy
in ES
Program Suspend in Erase Suspend
IS in PS in ES
Program Suspend in Erase Suspend
Lock/CR Setup in ES
Erase Suspend (Lock Error)
ES
Erase Suspend (Lock Error)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com