Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 18Page - ams-OSRAM AG 301020013 Datasheet HTML 19Page - ams-OSRAM AG 301020013 Datasheet HTML 20Page - ams-OSRAM AG 301020013 Datasheet HTML 21Page - ams-OSRAM AG 301020013 Datasheet HTML 22Page - ams-OSRAM AG 301020013 Datasheet HTML 23Page - ams-OSRAM AG 301020013 Datasheet HTML 24Page - ams-OSRAM AG 301020013 Datasheet HTML 25Page - ams-OSRAM AG 301020013 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
Dragster
Functional description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
22 / 109
/
7
Functional description
7.1
General sensor description
The Dragster family has 17 variants, which each one them has one or two lines, from one up to
four segments, different pixel size, color, package and resolution.
Table 12: Dragster variants
Sensor variant
# of lines
Pixel size (µm)
Chroma
Resolution
Package
DR2K7
1
7x7
Mono
2080x1
INVAR/LCC
DR2x2K7
2
7x7
Mono/RGB
2080x2
INVAR/LCC
DR4K7
1
7x7
Mono
4128x1
INVAR
DR4K3.5
1
3.5x3.5
Mono
4160x1
INVAR/LCC
DR2x4K7
2
7x7
Mono/RGB
4128x2
INVAR
DR6K7
1
7x7
Mono
6176x1
INVAR
DR8K7
1
7x7
Mono
8224x1
INVAR
DR8K3.5
1
3.5x3.5
Mono
8256x1
INVAR
DR2x8K7
2
7x7
Mono/RGB
8224x2
INVAR
DR16K3.5
1
3.5x3.5
Mono
16448x1
INVAR
Sensors with 3.5 μm pixels are structurally identical to sensors with 7 μm pixel. However, for
the sensor with 3.5 μm, two independent readout blocks are placed, one on top of the sensor
line, which reads out odd pixels and one at the bottom of the sensor line which reads out even
pixels. Thus, for sensors with 3.5 μm pixel, two independent segments are always placed
together to form a segment with double resolution compared to the segment with 7 μm pixel.
The lowest and maximum resolutions for 7 μm pixel are 2K and 2x8K, respectively. Regarding
3.5 μm pixel, the lowest and maximum resolutions are 4K and 16K, respectively.
The first line of the first 2K segment (7 µm) is built of a line of 2080 pixels, having 32 special
pixels counting from the left. Similarly, the first 4K segment (3.5 µm) is built of a line of 4160
pixels with 64 special pixels in the beginning. The first 32 (or 64) pixels are used to have a
reference for dark current and signal offsets. The remaining 2048 (or 4096) pixels are the light
sensitive, responsible for the image effective resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com