Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 63 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 63 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 59Page - ams-OSRAM AG 301020013 Datasheet HTML 60Page - ams-OSRAM AG 301020013 Datasheet HTML 61Page - ams-OSRAM AG 301020013 Datasheet HTML 62Page - ams-OSRAM AG 301020013 Datasheet HTML 63Page - ams-OSRAM AG 301020013 Datasheet HTML 64Page - ams-OSRAM AG 301020013 Datasheet HTML 65Page - ams-OSRAM AG 301020013 Datasheet HTML 66Page - ams-OSRAM AG 301020013 Datasheet HTML 67Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
Dragster
Soldering information
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
63 / 109
/
Manual soldering: Use partial heating method and use a soldering iron with temperature
control. The soldering iron tip temperature is not to exceed 350°C with a 270°C maximum pin
temperature. Touch for a 2 seconds maximum duration per pin. Avoid touching and global
heating of the ceramic package during soldering. Failure to do so may alter device
performance and reliability.
Wave soldering: Wave solder dipping can cause damage to the glass and harm the imaging
capability of the device. Avoid the solder to come in contact with the glass or ceramic body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com