Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 48Page - ams-OSRAM AG 301020013 Datasheet HTML 49Page - ams-OSRAM AG 301020013 Datasheet HTML 50Page - ams-OSRAM AG 301020013 Datasheet HTML 51Page - ams-OSRAM AG 301020013 Datasheet HTML 52Page - ams-OSRAM AG 301020013 Datasheet HTML 53Page - ams-OSRAM AG 301020013 Datasheet HTML 54Page - ams-OSRAM AG 301020013 Datasheet HTML 55Page - ams-OSRAM AG 301020013 Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
Dragster
Register description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
52 / 109
/
9.1.5
Control register 3 (Address 0x05)
Table 21: Control register 3
Address: 0x05
Default value: 0x12
Access: Read/Write
Bit
Bit name
Default value
Bit description
7:6
N/A
00b
Not used
5:3
Bandgap Switch
010b
These bits can be used to trim the reference current
generated by the bandgap circuit of different
segments. The bits configuration is shown in
Table 22.
2:2
Enable Offset SRAM(1)
0b
Set to '0' – Offset SRAM is powered down. Stored
offset values are lost.
Set to '1' – Offset SRAM is enabled.
1:1
Re-linearization
1b
Set to '0' – In companding ADC mode the piece wise
linear compressed data is given out.
Set to '1' – When using the companding ADC mode,
the compressed data is re-linearized on chip to a
linear 12 bits representation. It is recommended to
use dithering (control register 0x01 bit 3) together
with this feature to avoid missing codes in the output
signal.
0:0
Pixel Clock Output
Enable
0b
Set to '0' – The pixel clock pad is in tristate mode. No
pixel clock in given out.
Set to '1' – The pixel clock is provided to the user on
the pad.
(1) Feature related to digital subtraction, which is not recommended to be set to ‘1’. Still, if using this feature, it is at user’s
responsibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com