Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 10Page - ams-OSRAM AG 301020013 Datasheet HTML 11Page - ams-OSRAM AG 301020013 Datasheet HTML 12Page - ams-OSRAM AG 301020013 Datasheet HTML 13Page - ams-OSRAM AG 301020013 Datasheet HTML 14Page - ams-OSRAM AG 301020013 Datasheet HTML 15Page - ams-OSRAM AG 301020013 Datasheet HTML 16Page - ams-OSRAM AG 301020013 Datasheet HTML 17Page - ams-OSRAM AG 301020013 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 109 page
background image
Dragster
Absolute maximum ratings
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
14 / 109
/
4
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 5: Absolute maximum ratings of Dragster
Symbol
Parameter
Min
Max
Unit
Comments
Electrical parameters
VDDD
Supply voltage to ground
-0.3
3.6
V
VDDA
Supply voltage to ground
-0.3
3.6
V
VIO
Input/ output pin voltage to digital
inputs
-0.3
VDDIO +
0.3 or 3.6
V
IIO
Input/ output DC forward bias
current
-24 (source)
+ 24 (sink)
mA
VIN
Input pin voltage to ground
3.6
V
Temperature ranges
TA
Operating temperature range(1)
0
60
°C
RTH, JC
Junction to case thermal
resistance(2)
0.36
°C/W
TJ
Operating junction temperature(3)
-55
125
°C
Storage condition
TSTRG
Storage temperature range
-30
40
°C
RHNC_STRG
Long term storage humidity
30
60
%
Shelf life
5
Years
Invar package
2
Ceramic LCC
package
MSL
Moisture sensitivity level
6
Bake out before soldering
24hrs @ 125ºC, ±5ºC
Bump temperature (soldering) (4)
TPEAK
Peak temperature
245
°C
Refer to chapter 11
tWELL
Well time above 217 °C
60
80
s
Refer to chapter 11
(1) The operating temperature range is regarding the ambient temperature that is more suitable for a good performance of the
sensor. It is considered with no heat dissipation, since it is the environment temperature.
(2) Determined to DR16K3.5 Invar packaging, and calculated from the die to the bottom of the Invar plate. Relevant if a heat
dissipater is attached to the Invar.
(3) Operating the silicon within this temperature range is manageable, though it does not ensure consistent device performance.
It is worth noticing that prolonged exposure to such extreme temperature is not recommended.
(4) Relative to the ceramic LCC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com