Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 97 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 97 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 93Page - ams-OSRAM AG 301020013 Datasheet HTML 94Page - ams-OSRAM AG 301020013 Datasheet HTML 95Page - ams-OSRAM AG 301020013 Datasheet HTML 96Page - ams-OSRAM AG 301020013 Datasheet HTML 97Page - ams-OSRAM AG 301020013 Datasheet HTML 98Page - ams-OSRAM AG 301020013 Datasheet HTML 99Page - ams-OSRAM AG 301020013 Datasheet HTML 100Page - ams-OSRAM AG 301020013 Datasheet HTML 101Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
Dragster
Pin description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
97 / 109
/
Pin number
Pin name
Pin type(1)
75
VSSD
GND
76
VSSD
GND
77
VSSA
GND
78
Not connected
79
Not connected
80
Not connected
81
Not connected
82
VSSD
GND
83
VSSD
GND
84
VSSD
GND
85
VSSA
GND
86
Pixel_CLK_EF_1
DO
87
Not connected
88
Sample_EF
DI
89
RST_CDS_EF
DI
90
RST_CVC_EF
DI
91
ID_Chip
92
Not connected
93
Not connected
94
Not connected
95
Not connected
96
Not connected
97
Not connected
98
Not connected
99
VSSD
GND
100
VSSD
GND
101
VSSA
GND
102
Not connected
103
Not connected
104
Not connected
105
Not connected
106
VDDD
3.3V
107
VSSD
GND
108
VSSA
GND
109
Not connected
110
Not connected
111
Not connected
112
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com