Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 22Page - ams-OSRAM AG 301020013 Datasheet HTML 23Page - ams-OSRAM AG 301020013 Datasheet HTML 24Page - ams-OSRAM AG 301020013 Datasheet HTML 25Page - ams-OSRAM AG 301020013 Datasheet HTML 26Page - ams-OSRAM AG 301020013 Datasheet HTML 27Page - ams-OSRAM AG 301020013 Datasheet HTML 28Page - ams-OSRAM AG 301020013 Datasheet HTML 29Page - ams-OSRAM AG 301020013 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
Dragster
Functional description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
26 / 109
/
Figure 10: Overview of the functional blocks for the analogue part of the pixel
7.2.1
Anti-blooming circuitry
“Blooming” is a phenomenon observed when a single pixel is heavily over exposed and
saturates. Photo generated charges then tend to spill in neighboring pixels. This is prevented
by an internal circuit, which will drain charges when the pixel is saturated and prevent them
from spilling into neighboring pixels. This circuit is controlled by register 0x02 bit '3'. This bit
should be set to ‘0’ for most applications, as it grants the largest linear signal range. Under
extreme over exposure conditions, this bit can be set to ’1’, which will start draining excessive
charges earlier.
RST_CVC
Pixel
Internal Bias
Generation
Controled by
Register 2, Bit 3
Anti Blooming
CDS Stage
Gain x1, x4
Register 2, Bit 5
Internal Bias
Generation
Controled by
Register 2, Bit 1
RST_CDS
Test Mux
Anti Corona
Detection
Sample & Hold
Sample
ADC
VRef
White Clamping
Register 2, Bit 4
Internal Bias
Generation
Controled by
Register 1, Bit 7
VThr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com